Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38B7 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 38B7
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38B7 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 38B7 Datasheet HTML 25Page - Renesas Technology Corp 38B7 Datasheet HTML 26Page - Renesas Technology Corp 38B7 Datasheet HTML 27Page - Renesas Technology Corp 38B7 Datasheet HTML 28Page - Renesas Technology Corp 38B7 Datasheet HTML 29Page - Renesas Technology Corp 38B7 Datasheet HTML 30Page - Renesas Technology Corp 38B7 Datasheet HTML 31Page - Renesas Technology Corp 38B7 Datasheet HTML 32Page - Renesas Technology Corp 38B7 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 415 page
background image
HARDWARE
1-6
38B7 Group User’s Manual
Table 2 Pin description (2)
Function except a port function
Pin
Name
Function
P64/RXD/FLD52,
I/O port P6
• 4-bit I/O port .
• FLD automatic display
P65/TXD/FLD53,
• Low-voltage input level for input ports.
pins
P66/SCLK21/FLD54,
• CMOS compatible input level for RxD, SCLK21, SCLK22.
• Serial I/O2 function pins
P67/SRDY2/SCLK22/
• CMOS 3-state output structure.
FLD55,
P70/INT0,
I/O port P7
• 8-bit I/O port.
• Interrupt input pins
P71/INT1,
• CMOS compatible input level.
P72/INT2,
• CMOS 3-state output structure.
P73/INT3/DIMOUT,
• Interrupt input pin
• Dimmer signal output pin
P74/PWM1
• PWM output pin
P75/T1OUT,
• Timer output pins
P76/T3OUT,
P77/INT4/BUZ01
• Interrupt input pin
• Buzzer output pin
P80/XCIN,
I/O port P8
• 4-bit I/O port with the same function as port P7.
• I/O pins for sub-clock generating
P81/XCOUT
• CMOS compatible input level.
circuit (connect a ceramic resonator
• CMOS 3-state output structure.
or a quarts-crystal oscillator)
P82/CNTR1,
• Timer input pin
P83/CNTR0/CNTR2
• Timer I/O pin
P90/SIN3/AN8,
I/O port P9
• 8-bit I/O port with the same function as port P7.
• Serial I/O3 function pins
P91/SOUT3/AN9,
• CMOS compatible input level.
• A-D converter input pins
P92/SCLK3/AN10,
• CMOS 3-state output structure.
P93/SRDY3/AN11,
P94/RTP1/AN12,
• Real time port output pins
P95/RTP0/AN13
• A-D converter input pins
P96/PWM0/AN14
• 14-bit PWM output pin
• A-D converter input pin
P97/BUZ02/AN15
• Buzzer output pin
• A-D converter input pin
PA0/AN0–PA7/AN7 I/O port PA
• 8-bit I/O port with the same function as port P7.
• A-D converter input pin
• CMOS compatible input level.
• CMOS 3-state output structure.
PB0/SCLK12/DA
I/O port PB
• 7-bit I/O port with the same function as port P7.
• Serial I/O1 function pin
• CMOS compatible input level.
• D-A converter output pin
• CMOS 3-state output structure.
PB1/SRDY1,
• Serial I/O1 function pins
PB2/SBUSY1,
PB3/SSTB1,
PB4/SCLK11,
PB5/SOUT1,
PB6/SIN1
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com