Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7702 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 35Page - Renesas Technology Corp 7702 Datasheet HTML 36Page - Renesas Technology Corp 7702 Datasheet HTML 37Page - Renesas Technology Corp 7702 Datasheet HTML 38Page - Renesas Technology Corp 7702 Datasheet HTML 39Page - Renesas Technology Corp 7702 Datasheet HTML 40Page - Renesas Technology Corp 7702 Datasheet HTML 41Page - Renesas Technology Corp 7702 Datasheet HTML 42Page - Renesas Technology Corp 7702 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 217 page
background image
CENTRAL PROCESSING UNIT (CPU)
7702/7703 Group User’s Manual
2–13
2.2 Bus interface unit
The CPU and the bus send or receive data via BIU because each operates based on different clocks
(Note). The BIU allows the CPU to operate at high speed without waiting for access to the memory•I/O
devices that require a long access time.
The BIU’s functions are described bellow.
Note: The CPU operates based on
φCPU. The period of φCPU is normally the same as that of the internal
clock
φ. The internal bus operates based on the E signal. The period of the E signal is twice that
of the internal clock
φ at a minimum.
(1)
Reading out instruction (Instruction prefetch)
When the CPU does not require to read or write data, that is, when the bus is not in use, the BIU
reads instructions from the memory and stores them in the instruction queue buffer. This is called
instruction prefetch.
The CPU reads instructions from the instruction queue buffer and executes them, so that the CPU
can operate at high speed without waiting for access to the memory which requires a long access
time.
When the instruction queue buffer becomes empty or contains only 1 byte of an instruction, the BIU
performs instruction prefetch. The instruction queue buffer can store instructions up to 3 bytes.
The contents of the instruction queue buffer is initialized when a branch or jump instruction is
executed, and the BIU reads a new instruction from the destination address.
When instructions in the instruction queue buffer are insufficient for the CPU’s needs, the BIU
extends the pulse duration of clock
φCPU in order to keep the CPU waiting until the BIU fetches the
required number of instructions or more.
(2)
Reading data from memory•I/O device
The CPU specifies the storage address of data to be read to the BIU’s data address register, and
requires data. The CPU waits until data is ready in the BIU.
The BIU outputs the address received from the CPU onto the address bus, reads contents at the
specified address, and takes it into the data buffer.
The CPU continues processing, using data in the data buffer.
However, if the BIU uses the bus for instruction prefetch when the CPU requires to read data, the
BIU keeps the CPU waiting.
(3)
Writing data to memory•I/O device
The CPU specifies the address of data to be written to the BIU’s data address register. Then, the
CPU writes data into the data buffer. The BIU outputs the address received from the CPU onto the
address bus and writes data in the data buffer into the specified address.
The CPU advances to the next processing without waiting for completion of BIU’s write operation.
However, if the BIU uses the bus for instruction prefetch when the CPU requires to write data, the
BIU keeps the CPU waiting.
(4)
Bus control
To perform the above operations (1) to (3), the BIU inputs and outputs the control signals, and
controls the address bus and the data bus. The cycle in which the BIU controls the bus and accesses
the memory•I/O device is called the bus cycle.
Refer to “Chapter 12. CONNECTION WITH EXTERNAL DEVICES” about the bus cycle at accessing
the external devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com