Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7702 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 60Page - Renesas Technology Corp 7702 Datasheet HTML 61Page - Renesas Technology Corp 7702 Datasheet HTML 62Page - Renesas Technology Corp 7702 Datasheet HTML 63Page - Renesas Technology Corp 7702 Datasheet HTML 64Page - Renesas Technology Corp 7702 Datasheet HTML 65Page - Renesas Technology Corp 7702 Datasheet HTML 66Page - Renesas Technology Corp 7702 Datasheet HTML 67Page - Renesas Technology Corp 7702 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 217 page
background image
7702/7703 Group User’s Manual
INTERRUPTS
4–2
The suspension of the current operation in order to perform another operation owing to a certain factor is
referred to as “Interrupt.” This chapter describes the interrupts.
4.1 Overview
The M37702 has 19 interrupt sources to generate interrupt requests.
Figure 4.1.1 shows the interrupt processing sequence.
When an interrupt request is accepted, a branch is made to the start address of the interrupt routine set
in the interrupt vector table (addresses FFD616 to FFFF16). Set the start address of each interrupt routine
at each interrupt vector address in the interrupt vector table.
4.1 Overview
Fig. 4.1.1 Interrupt processing sequence
Interrupt routine
Accept interrupt request
Resume processing
Suspend processing
Return
to original
routine
RTI instruction
Process interrupt
Executing routine
Branch
to start
address
of interrupt
routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com