Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7702 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 55Page - Renesas Technology Corp 7702 Datasheet HTML 56Page - Renesas Technology Corp 7702 Datasheet HTML 57Page - Renesas Technology Corp 7702 Datasheet HTML 58Page - Renesas Technology Corp 7702 Datasheet HTML 59Page - Renesas Technology Corp 7702 Datasheet HTML 60Page - Renesas Technology Corp 7702 Datasheet HTML 61Page - Renesas Technology Corp 7702 Datasheet HTML 62Page - Renesas Technology Corp 7702 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 217 page
background image
7702/7703 Group User’s Manual
3–5
INPUT/OUTPUT PINS
3.1 Programmable I/O ports
Bit
Bit name
Functions
0
1
2
3
4
5
6
7
Port Pi0
Port Pi2
Port Pi3
Port Pi4
Port Pi6
Data is input/output to/from a pin by
reading/writing from/to the corres-
ponding bit.
Port Pi5
Port Pi register (i = 0 to 8)
(Addresses 216, 316, 616, 716, A16, B16, E16, F16, 1216)
b1
b0
b2
b3
b4
b5
b6
b7
Port Pi1
Port Pi7
At reset
RW
Undefined
Note: Bits 7 to 4 of the port P3 register cannot be written (they may be either “0” or “1”) and are fixed to “0” at
reading.
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
0 : “L” level
1 : “H” level
RW
RW
RW
RW
RW
RW
RW
RW
Fig. 3.1.3 Port Pi (i = 0 to 8) register structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com