Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7477 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 42Page - Renesas Technology Corp 7477 Datasheet HTML 43Page - Renesas Technology Corp 7477 Datasheet HTML 44Page - Renesas Technology Corp 7477 Datasheet HTML 45Page - Renesas Technology Corp 7477 Datasheet HTML 46Page - Renesas Technology Corp 7477 Datasheet HTML 47Page - Renesas Technology Corp 7477 Datasheet HTML 48Page - Renesas Technology Corp 7477 Datasheet HTML 49Page - Renesas Technology Corp 7477 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.8 Access area
1-29
1.8.1 Zero page (Addresses 000016 to 00FF16)
The area of 256 bytes from addresses 000016 to 00FF16 is called the zero page. The internal RAM and
the special function register (SFR) are located in this area.
To specify a memory or a register in this area, use the addressing mode shown in Table 1.8.1. In this
area, especially, it is possible to access this area in a shorter instruction cycle by using the zero addressing
mode.
1.8.2 Special page (Addresses FF0016 to FFFF16)
The area of 256 bytes from addresses FF0016 to FFFF16 is called the special page. The internal ROM
and the interrupt vector area are located in this area.
To specify a memory or subroutine in this area, use the addressing mode shown in Table 1.8.1. In this
area, especially, it is possible to jump to this area in a shorter instruction cycle by using the special page
addressing mode.
Ordinary, subroutines with high frequency of use are located in this area.
Table 1.8.1 Addressing mode accessible to each area
Addressing mode (bytes required)
Zero page (2)
Zero page indirect (2)
Zero page X (2)
Zero page Y (2)
Zero page bit (2)
Zero page bit relative (3)
Absolute (3)
Absolute X (3)
Absolute Y (3)
Relative (2)
Indirect (3)
Indirect X (2)
Indirect Y (2)
Special page (2)
Special page reference
—
—
—
—
—
—
,
,
,
,
,
,
,
,
Other area reference
—
—
—
—
—
—
,
,
,
,
,
,
,
—
Zero page reference
,
,
,
,
,
,
,
,
,
,
,
,
,
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com