Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7477 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 5 Page - Renesas Technology Corp

  7477 Datasheet HTML 1Page - Renesas Technology Corp 7477 Datasheet HTML 2Page - Renesas Technology Corp 7477 Datasheet HTML 3Page - Renesas Technology Corp 7477 Datasheet HTML 4Page - Renesas Technology Corp 7477 Datasheet HTML 5Page - Renesas Technology Corp 7477 Datasheet HTML 6Page - Renesas Technology Corp 7477 Datasheet HTML 7Page - Renesas Technology Corp 7477 Datasheet HTML 8Page - Renesas Technology Corp 7477 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 354 page
background image
BEFORE USING THIS USER’S MANUAL
1. Organization
This user’s manual consists of the following three chapters. Refer to the chapter appropriate to your
conditions, such as hardware design or software development.
q CHAPTER 1 HARDWARE
This chapter describes features of the microcomputer and operation of each peripheral function.
q CHAPTER 2 APPLICATION
This chapter describes usage and application examples of peripheral functions, based mainly on setting
examples of related registers.
q CHAPTER 3 APPENDIX
This chapter includes a list of registers, and necessary information for systems development using the
microcomputer, the masking confirmation (mask ROM version), ROM programming confirmation, and
mark specifications which are to be submitted when ordering.
2. Structure of Register
The figure of each register structure describes its functions, contents at reset, and attributes as follows:
b7 b6 b5 b4 b3 b2 b1 b0
Fix these bits to “0.”
Stack page selection bit
Nothing is allocated for this bit. This is write
enabled bit and is undefined at reading.
XCOUT drive capacity
selection bit
Main clock (XIN–XOUT)
stop bit
Internal system clock
selection bit
P50, P51/XCIN, XCOUT
selection bit
0: In page 0 area
1: In page 1 area
0: Low
1: High
0: Oscillates
1: Stops
0: XIN–XOUT selected
(Ordinary mode)
1: XCIN–XCOUT selected
(low-speed mode)
0: P50, P51
1: XCIN, XCOUT
Name
Function
At reset
B
RW
0, 1
2
3
4
5
6
7
0
0
?
0
0
0
0
?
!
Bits
CPU mode register (CPUM) [Address: FB 16]
Bit attributes
CPU mode register
Contents immediately after reset release
: Bit in which nothing is arranged
Note 1. Contents immediately after reset release
0
“0” at reset release
1
“1” at reset release
?
Undefined at reset release
Note 2. Bit attributes
R
?
1
0
W
(Note 1)
(Note 2)
00
Write
Write enabled
Write disabled
Fix to“0”.
Can be cleared to“0” by software but not set to “1”.
Read
Read enabled
Undefined at reading
“
1” at reading
“
0” at reading
0
V
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com