Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7477 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 64Page - Renesas Technology Corp 7477 Datasheet HTML 65Page - Renesas Technology Corp 7477 Datasheet HTML 66Page - Renesas Technology Corp 7477 Datasheet HTML 67Page - Renesas Technology Corp 7477 Datasheet HTML 68Page - Renesas Technology Corp 7477 Datasheet HTML 69Page - Renesas Technology Corp 7477 Datasheet HTML 70Page - Renesas Technology Corp 7477 Datasheet HTML 71Page - Renesas Technology Corp 7477 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.11 Interrupts
1-51
(3) CNTR interrupt
When detecting a rising edge or a falling edge of each CNTR pin (CNTR0, CNTR1), the microcomputer
generates an CNTR interrupt. For selecting the active edge of interrupt and the CNTR0/CNTR1 pin,
the Edge polarity selection register (EG) is used.
2
2
2
2
2 After reset
At reset release, the Edge polarity selection register is cleared to “0016,” so the CNTR0 interrupts
generate the interrupt request by detecting a falling edge. At reset release, however, the Interrupt
control register is put into the interrupt disable state, so any interrupt is not accepted.
Note: The CNTR0 and CNTR1 pins are used in common with input port P32 and P33, however there
is no register for switching between the CNTR pins and the ports, so the active edges of P32
and P33 are always detected. When these pins are used as ports, put the corresponding CNTR
interrupt into the disable state. In the CNTR interrupt enable state, the CNTR interrupt is
generated by a pin level change, thereby causing a program run away.
(4) Timer interrupt
The microcomputer generates the interrupt request at the rise of the next count source after the
respective timer overflows.
For the details of the timer interrupt, refer to “1.12 Timers.”
(5) Serial I/O interrupt
There is a difference in the serial I/O interrupt between the 7470/7471 group and the 7477/7478
group.
2
2
2
2
2 Serial I/O interrupt of 7470/7471 group
An interrupt request is generated upon termination of the serial I/O transmit/receive.
2
2
2
2
2 Serial I/O interrupt of 7477/7478 group
The serial I/O transmit interrupt and the serial I/O receive interrupt are available.
q Serial I/O transmit interrupt
For the Serial I/O transmit interrupt, interrupt request generation timing can be selected by bit 3
of the Serial I/O control register (SIOCON: Address 00E216) as shown below.
0: The data written in the Transmit buffer is transferred to the Transmit shift register, and when
the Transmit buffer becomes empty, the interrupt request is generated.
1: The interrupt request is generated when a shift operation of the Transmit shift register terminates.
Note: When the transmit enable bit is set to the enable state, the Transmit buffer becomes empty
and the transmit shift terminates. Accordingly, the interrupt request can be generated by
selecting one of these sources. To use the transmit interrupt, set the transmit enable bit to “1,”
clear the transmit interrupt request bit to “0,” and then set the transmit interrupt enable bit to
the enable state.
q Serial I/O receive interrupt
When all data has been put in the Receive shift register and the contents of the shift register have
been transferred to the Receive buffer, the interrupt request is generated.
For the details of the serial I/O interrupt, refer to “1.13 Serial I/O.”
(6) A-D conversion completion interrupt
As soon as A-D conversion terminates, the interrupt request is generated.
For the details of the A-D conversion completion interrupt, refer to “1.14 A-D Converter.”
(7) BRK instruction interrupt
This is the lowest-priority software interrupt without any corresponding interrupt enable flag, and not
affected by the interrupt disable flag. (Non maskable)
For the details, refer to “SERIES 740 SOFTWARE USER’S MANUAL.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com