Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7480 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 35Page - Renesas Technology Corp 7480 Datasheet HTML 36Page - Renesas Technology Corp 7480 Datasheet HTML 37Page - Renesas Technology Corp 7480 Datasheet HTML 38Page - Renesas Technology Corp 7480 Datasheet HTML 39Page - Renesas Technology Corp 7480 Datasheet HTML 40Page - Renesas Technology Corp 7480 Datasheet HTML 41Page - Renesas Technology Corp 7480 Datasheet HTML 42Page - Renesas Technology Corp 7480 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-22
HARDWARE
1.9 Memory Maps
Figure 1.9.1 shows the memory maps of the 7480 Group and 7481 Group.
Memories and I/Os located in the access area are described below.
q
RAM
The internal RAM is located in the area listed in Table 1.9.1. Internal RAM is used for data storage,
the stack area used subroutine call or interrupt generation.
To prevent the contents of RAM from being destroyed, take the depth of subroutine nesting and the
level of interrupt into consideration when using RAM as the stack area.
q
Special Function Registers (SFR) (Addresses ‘00C016’ through ‘00FF16’)
Special function registers (SFR) are assigned to addresses ‘00C016’ through ‘00FF16’. Various control
registers for the I/O ports, the timers, the serial I/O, the A-D converter, and the interrupts are located
in the SFR area.
Figure 1.9.2 shows the memory map of the SFR area.
q
ROM
The internal ROM is located in the area listed in Table 1.9.2. Internal ROM is used to store data
tables and programs. In the 7480 Group and 7481 Group, addresses ‘FFE416’ through ‘FFFF16’ of
the ROM area are assigned to the vector area where the jump addresses after system is released
from reset and interrupt generation are stored.
Figure 1.9.3 shows the memory map of the interrupt vector area.
Table 1.9.1 RAM Area
Product
M3748xM2
M3748xM4
M3748xM8/E8
Range of RAM Area
Addresses ‘000016’ through ‘007F16’
Addresses ‘000016’ through ‘00BF16’, Addresses ‘010016’ through ‘013F16’
Addresses ‘000016’ through ‘00BF16’, Addresses ‘010016’ through ‘01FF16’
RAM Size
128
× 8 bits
256
× 8 bits
448
× 8 bits
Table 1.9.2 ROM Area
Product
M3748xM2
M3748xM4
M3748xM8
M3748xE8
Range of ROM Area
Addresses ‘F00016’ through ‘FFFF16’
Addresses ‘E00016’ through ‘FFFF16’
Addresses ‘C00016’ through ‘FFFF16’
ROM Size
4K
× 8 bits
8K
× 8 bits
16K
× 8 bits
1.9 Memory Maps
Memory Type
Mask ROM
Mask ROM
Mask ROM
PROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com