Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7480 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 87Page - Renesas Technology Corp 7480 Datasheet HTML 88Page - Renesas Technology Corp 7480 Datasheet HTML 89Page - Renesas Technology Corp 7480 Datasheet HTML 90Page - Renesas Technology Corp 7480 Datasheet HTML 91Page - Renesas Technology Corp 7480 Datasheet HTML 92Page - Renesas Technology Corp 7480 Datasheet HTML 93Page - Renesas Technology Corp 7480 Datasheet HTML 94Page - Renesas Technology Corp 7480 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 337 page
background image
1-74
1.12 Timer X and Timer Y
HARDWARE
7480 Group and 7481 Group User's Manual
1.12.6 Pulse Period Measurement Mode
(1)
Operations in Pulse Period Measurement Mode
Operations in the pulse period measurement mode are explained with Figure 1.12.14.
Count Sources
In the pulse period measurement mode, timer X or timer Y can select the following count sources
with the timer X or Y count source selection bits:
• f(XIN)/2
• f(XIN)/8
• f(XIN)/16
Writes to and Reads from Timers
In the pulse period measurement mode, do not write to timers.
When a timer is read, the read value is the contents of the timer latch (measured value of the last
pulse period).
Count Operation
• When the timer X or Y stop control bit is cleared to ‘0’, the timer starts counting (Œ in Figure
1.12.14).
• When the timer X or Y stop control bit is set to ‘1’, the timer stops counting.
In the count operation, the contents of each timer are decremented by 1 at every rising edge of the
count source ( in Figure 1.12.14).
Reloading Timers
When a timer reaches ‘000016’ in the count operation, an underflow occurs at the subsequent rising
edge of the count source and a timer wraps around to ‘FFFF16’ (Ž in Figure 1.12.14).
When the valid edge of a CNTR pin input is detected in the count operation, the timer goes to
‘FFFF16’ ( in Figure 1.12.14).
Timer Interrupt
At an underflow, the timer X or Y interrupt request bit of interrupt request register 1 is set to ‘1’; then
a timer interrupt request is generated ( in Figure 1.12.14).
CNTR Interrupt
When the valid edge of a CNTR pin input is detected, the CNTR interrupt request bit of interrupt
request register 2 is set to ‘1’, and the CNTR interrupt request is generated (‘ in Figure 1.12.14).
The measured value of the pulse period must be read at this time.
Pulse Period Measurement
When any one of the following valid edges are detected, the complement on one of the contents of
the timer is written to the timer latch (’ in Figure 1.12.14). The contents of the timer latch are
retained until the measurement of the next pulse period is complete.
• Valid edge of a CNTR0 pin input (Timer X used)
• Valid edge of a CNTR1 pin input (Timer Y used)
The measurement type of pulse period is selected by a CNTR edge selection bit of the edge polarity
selection register as follows:
• The period from a falling edge of a CNTR pin input until the next falling edge when the CNTR edge
selection bit is ‘0’ (“ in Figure 1.12.14).
• The period from a rising edge of a CNTR pin input until the next rising edge when the CNTR edge
selection bit is ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com