Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7480 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 60Page - Renesas Technology Corp 7480 Datasheet HTML 61Page - Renesas Technology Corp 7480 Datasheet HTML 62Page - Renesas Technology Corp 7480 Datasheet HTML 63Page - Renesas Technology Corp 7480 Datasheet HTML 64Page - Renesas Technology Corp 7480 Datasheet HTML 65Page - Renesas Technology Corp 7480 Datasheet HTML 66Page - Renesas Technology Corp 7480 Datasheet HTML 67Page - Renesas Technology Corp 7480 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-47
HARDWARE
1.11 Interrupts
1.11.3 Interrupt Sources
In the 7480 Group and 7481 Group, the interrupt requests can be generated by 14 sources (5 external,
8 internal, and 1 software).
The interrupts are vectored interrupts whose priority levels are fixed, and each interrupt has its own priority
level. When two or more interrupt requests are generated at the same sampling time, which is a timing to
test the generation of interrupt requests, the interrupt with a higher priority is acceptable.
For the priority levels of interrupts, refer to Table 1.11.1 Interrupt Sources.
Each interrupt source is described below.
(1)
INT0 and INT1 Interrupts
When a rising edge or a falling edge of the input signal to the INT0 or INT1 pin is detected, an
interrupt request is generated.
The edge polarity to be detected can be selected by the INT0 edge selection bit or the INT1 edge
selection bit of the edge polarity selection register.
The request bit, the enable bit, and the interrupt vector of the INT1 interrupt have the alternative
functions of those of the key-on wakeup interrupt respectively. When the INT1 interrupt is used, clear
the INT1 source selection bit at the STP/WIT of the edge polarity selection register to ‘0’.
• State after system is released from reset
After system is released from reset, the INT0 edge selection bit, INT1 edge selection bit and the
INT1 source selection bit at the STP/WIT of the edge polarity selection register are all cleared to
‘0’.
In such conditions, though an interrupt request is generated by detecting a falling edge of the INT0
or INT1 pin, the interrupt request cannot be accepted because the corresponding interrupt enable
bit is ‘0’ and the interrupt disable flag is ‘1’.
Notes 1: The INT0 and INT1 pins have the alternative functions of input port pins P30 and P31,
respectively. When these pins are used as input port pins, valid edges can still be detected
because the 7480 Group and 7481 Group does not have the function to switch the INT pins
to input port pins. Therefore, when these pins are used as input port pins, clear all the
corresponding interrupt enable bits to ‘0’ (disabled).
2: Keep the trigger width input to the INT pins 250 ns or more.
(2)
Key-On Wakeup Interrupt
When the INT1 source selection bit at the STP/WIT of the edge polarity selection register is ‘1’ and
the LOW level is applied to any pin of port P0 which is used as input in the stop/wait mode at the
execution of STP/WIT, a key-on wakeup interrupt request is generated. In other states than the stop/
wait mode, the key-on wakeup interrupt is invalid.
The request bit, the enable bit, and the interrupt vector of the key-on wakeup interrupt have the
alternative functions of those of the INT1 interrupt respectively. When the key-on wakeup interrupt
is used, set the INT1 source selection bit at the STP/WIT of the edge polarity selection register to
‘1’.
Note: When the key-on wakeup interrupt is used, execute the STP/WIT instruction after all inputs to
port P0 are held HIGH. If the LOW level is applied to any input pin of port P0, an execution
of the STP/WIT instruction generates an interrupt request instantly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com