Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3218IPZP Datasheet(PDF) 41 Page - Texas Instruments

Part # TAS3218IPZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218IPZP Datasheet(HTML) 41 Page - Texas Instruments

Back Button TAS3218IPZP Datasheet HTML 37Page - Texas Instruments TAS3218IPZP Datasheet HTML 38Page - Texas Instruments TAS3218IPZP Datasheet HTML 39Page - Texas Instruments TAS3218IPZP Datasheet HTML 40Page - Texas Instruments TAS3218IPZP Datasheet HTML 41Page - Texas Instruments TAS3218IPZP Datasheet HTML 42Page - Texas Instruments TAS3218IPZP Datasheet HTML 43Page - Texas Instruments TAS3218IPZP Datasheet HTML 44Page - Texas Instruments TAS3218IPZP Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 79 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
PACKAGE DISSIPATION RATINGS
(1) (2)
RECOMMENDED OPERATING CONDITIONS
TAS3218
www.ti.com ....................................................................................................................................................................................................... SLES235 – JULY 2008
MIN
MAX
UNIT
DVDD
Supply voltage range
0.5
3.8
V
AVDD
Supply voltage range
0.5
3.8
V
3.3-V TTL
0.5
VDDS + 0.5
VI
Input voltage range
3.3-V Analog
0.5
AVDDS + 0.5
V
1.8-V LVCMOS
0.5
AVDD(2) + 0.5
3.3-V TTL
0.5
VDDS + 0.5
3.3-V Analog
0.5
AVDDS + 0.5
VO
Output voltage range
V
0.5
DVDD(3) + 0.5
1.8-V LVCMOS
0.5
AVDD(4) + 0.5
IIK
Input clamp current
(VI < 0 or VI > DVDD)
20
mA
IOK
Output clamp current
(VO < 0 or VO > DVDD)
20
mA
Tstg
Storage temperature range
65
150
C
Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds
260
C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
AVDD is an internal 1.8-V supply derived from a regulator in the TAS3218 chip. Pin XTALI is the only TAS3218 input that is referenced
to this 1.8-V logic supply. The absolute maximum rating listed is for reference; only a crystal should be connected to XTALI.
(3)
DVDD is an internal 1.8-V supply derived from regulators in the TAS3218 chip. DVDD is routed to DVDD_BYPASS_CAP to provide
access to external filter capacitors, but should not be used to source power to external devices.
(4)
Pin XTALO is the only TAS3218 output that is derived from the internal 1.8-V logic supply AVDD. The absolute maximum rating listed is
for reference; only a crystal should be connected to XTALO. AVDD is also routed to AVDD_BYPASS_CAP to provide access to external
filter capacitors, but should not be used to source power to external devices.
PACKAGE
TA 25C POWER RATING
DERATING FACTOR ABOVE TA = 25C
TA = 70C POWER RATING
TQFP PZP
2.78 W
28.7C/W
1.22 W
(1)
High-K Board, 105C junction
(2)
Refer to PowerPAD™ Thermally Enhanced Package Application Report (literature number SLMA002).
PARAMETER
MEASUREMENT
MIN
NOM
MAX
UNIT
DVDD
Digital supply voltage
3
3.3
3.6
V
AVDD
Analog supply voltage
3.3-V Analog
3
3.3
3.6
V
3.3-V TTL
2
VIH
High-level input voltage
V
1.8-V LVCMOS (XTL_IN)
1.26
1.95
3.3-V TTL
0.8
VIL
Low-level input voltage
V
1.8-V LVCMOS (XTL_IN)
0.54
Operating ambient air temperature range
TA
20
25
70
C
(guarantying parametric)
TJ
Operating junction temperature range
20
105
C
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com