Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3218IPZP Datasheet(PDF) 42 Page - Texas Instruments

Part # TAS3218IPZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218IPZP Datasheet(HTML) 42 Page - Texas Instruments

Back Button TAS3218IPZP Datasheet HTML 38Page - Texas Instruments TAS3218IPZP Datasheet HTML 39Page - Texas Instruments TAS3218IPZP Datasheet HTML 40Page - Texas Instruments TAS3218IPZP Datasheet HTML 41Page - Texas Instruments TAS3218IPZP Datasheet HTML 42Page - Texas Instruments TAS3218IPZP Datasheet HTML 43Page - Texas Instruments TAS3218IPZP Datasheet HTML 44Page - Texas Instruments TAS3218IPZP Datasheet HTML 45Page - Texas Instruments TAS3218IPZP Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 79 page
background image
AUDIO SPECIFICATIONS CHANNEL, INPUT TO OUTPUT
AUDIO SPECIFICATIONS DIGITAL FILTERS
TAS3218
SLES235 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
TA =25C, AVDD = 3.3 V, DVDD = 3.3 V, Fs (audio) = 48 kHz, Clock source from XTALI, AES17 filter, second order 30 kHz
low pass filter (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
A-in ADC DSP DAC Lineout
A: WTD
87
92
Overall dynamic
dB
range
A-in MUX Lineout
A-WTD
95
98
TA =25C, AVDD = 3.3 V, DVDD = 3.3 V, Fs (audio) = 48 kHz, Clock source from XTALI, AES17 filter, second order 30 kHz
low pass filter (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
ADC Decimation Filter, Fs = 48 kHz
Filter gain from 0 to 0.39 Fs
0.1
dB
Filter gain at 0.4125 Fs
0.25
dB
Filter gain at 0.45 Fs
3
dB
Filter gain at 0.5 Fs
17.5
dB
Filter gain from 0.55 Fs to 64 Fs
75
dB
Filter group delay
17/Fs
s
DAC Interpolation Filter, Fs = 48 kHz
Pass band
20
0.45 Fs
Hz
Pass band ripple
0.06
dB
Transition band
0.45 Fs
0.5501 Fs
Hz
Stop band
0.5501 Fs
7.455 Fs
kHz
Stop band attenuation
65
dB
Filter group delay
21/Fs
s
42
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com