Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3218IPZP Datasheet(PDF) 60 Page - Texas Instruments

Part # TAS3218IPZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218IPZP Datasheet(HTML) 60 Page - Texas Instruments

Back Button TAS3218IPZP Datasheet HTML 56Page - Texas Instruments TAS3218IPZP Datasheet HTML 57Page - Texas Instruments TAS3218IPZP Datasheet HTML 58Page - Texas Instruments TAS3218IPZP Datasheet HTML 59Page - Texas Instruments TAS3218IPZP Datasheet HTML 60Page - Texas Instruments TAS3218IPZP Datasheet HTML 61Page - Texas Instruments TAS3218IPZP Datasheet HTML 62Page - Texas Instruments TAS3218IPZP Datasheet HTML 63Page - Texas Instruments TAS3218IPZP Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 79 page
background image
I
2C Register Map
TAS3218
SLES235 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
Table 18. Termination Header Block Structure(1)
CALC
TOTAL
REG
BYTE
DATA BLOCK FORMAT
CHECK
NUM
NOTE
SUM
BYTE
1
Checksum MSB
00
2
Checksum LSB
00
3
Memory to be loaded
00
4
0x00
00
Control
5
Start memory address MSB
00
register
0x04
6
Start memory address LSB
00
Total number of byte transferred
7
00
MSB
Total number of byte transferred
8
00
LSB
(1)
Shades cells indicate the values included in the checksum/total number of bytes calculation.
The I2C register map for ROM advanced code is described in Table 19.
Table 19. I2C Register Map(1)
SUB
REGISTER
BYTES
CONTENTS
DEFAULT VALUE
ADDRESS
0x00
SAP/Clock Setting
4
See SAP/Clock Setting
0x01
4
u(31:24), u(23:16), u(15:8), u(7)M(6:3)N(2:0)
0x00, 0x00, 0x00, 0x00
I2C M and N
0x00, 0x00, 0x00, 0x00
0x02
Status Register
8
See Status Register
0x00, 0x00, 0x00, 0x00
0x03
Reserved
4
u(31:24), u(23:16), u(15:8), u(7:0)
0x00, 0x00, 0x00, 0x00
See Load Memory Control and Data
0x00, 0x00, 0x00, 0x00
0x04
8
I2C RAM Load Control
Register
0x00, 0x00, 0x00, 0x00
See Load Memory Control and Data
0x00, 0x00, 0x00, 0x00
0x05
8
I2C RAM Load Data
Register
0x00, 0x00, 0x00, 0x00
0x06
PEEK/POKE Control
4
See PEEK and POKE
0x00, 0x00, 0x00, 0x00
0x00, 0x00, 0x00, 0x00
0x07
PEEK/POKE Data
8
See PEEK and POKE
0x00, 0x00, 0x00, 0x00
0x08
Silicon Version
4
ver(31:24), ver(23:16), ver(15:8), ver(7:0)
0x00, 0x00, 0x00, 0x02
0x09
Mute Control
4
See Mute Control
0x00, 0x00, 0x00, 0x00
0x0a
Reserved
4
u(31:24), u(23:16), u(15:8), u(7:0)
0x00, 0x00, 0x00, 0x00
0x0b
Reserved
4
u(31:24), u(23:16), u(15:8), u(7:0)
0x00, 0x00, 0x00, 0x00
0x0c
GPIO Control
4
See GPIO Control
0x00, 0x00, 0x00, 0x00
0x0d
Reserved
4
u(31:24), u(23:16), u(15:8), u(7:0)
0x00, 0x00, 0x00, 0x00
0x0e
Reserved
4
u(31:24), u(23:16), u(15:8), u(7:0)
0x00, 0x00, 0x00, 0x00
0x0f
Reserved
4
u(31:24), u(23:16), u(15:8), u(7:0)
0x00, 0x00, 0x00, 0x00
0x10
Powerdown Control
4
See Powerdown Control
0x00, 0x00, 0x00, 0x00
0x11
Reserved
4
u(31:24), u(23:16), u(15:8), u(7:0)
0x00, 0x00, 0x00, 0x00
0x12
A-MUX Control
4
See A-MUX Control
0x00, 0x00, 0x00, 0x00
0x13
Reserved
4
u(31:24), u(23:16), u(15:8), u(7:0)
0x00, 0x00, 0x00, 0x00
0x14
Reserved
4
u(31:24), u(23:16), u(15:8), u(7:0)
0x00, 0x00, 0x00, 0x00
0x15
Reserved
4
u(31:24), u(23:16), u(15:8), u(7:0)
0x00, 0x00, 0x00, 0x00
(1)
Shades cells indicate common to basic and advanced modes. Unshaded cells indicate advanced mode only.
60
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com