Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3218PZP Datasheet(PDF) 16 Page - Texas Instruments

Part # TAS3218PZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218PZP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS3218PZP Datasheet HTML 12Page - Texas Instruments TAS3218PZP Datasheet HTML 13Page - Texas Instruments TAS3218PZP Datasheet HTML 14Page - Texas Instruments TAS3218PZP Datasheet HTML 15Page - Texas Instruments TAS3218PZP Datasheet HTML 16Page - Texas Instruments TAS3218PZP Datasheet HTML 17Page - Texas Instruments TAS3218PZP Datasheet HTML 18Page - Texas Instruments TAS3218PZP Datasheet HTML 19Page - Texas Instruments TAS3218PZP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 79 page
background image
MSB
I2 SLRCLK
SCLK
I2 SSDIN
MSB
LeftChannel
RightChannel
MSB
LeftJustifiedLRCLK
LeftJustifiedSDOUT
MSB
LeftChannel
RightChannel
SPDIF Encoder
SPDIF Control
Register
DAP
Serial Audio
Port
(Receiver)
SDOUT2
SDOUT2/
SPDIF
Serial Audio Port
Transmitter
Control Signals
SPDIF Encoder
Channel Mute
Control
Output
Selector
Analog
Interface
SCLKIN
LRCLKIN
SDIN
SPDIF_IN
ANALOGIN
“0”
TAS3218
SLES235 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
Figure 12. SAP Output Configuration (Left to I2S Normalization OFF)
The SPDIF encoder is a digital audio transmitter designed for use in consumer audio applications. Transmit data
rates up to 48 kHz are supported. The SPDIF encoder complies with the IEC-60958 interface standard.
The SPDIF encoder creates a multiplexed bit stream, containing audio, status, and user data. The multiplexed
data format is shown in Figure 14. The data is then bi-phase mark-encoded and output.
The hardware architecture of the S/PDIF Encoder can is shown in Figure 13.
Figure 13. SPDIF Encoder Hardware Architecture
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com