Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3218PZP Datasheet(PDF) 17 Page - Texas Instruments

Part # TAS3218PZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218PZP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TAS3218PZP Datasheet HTML 13Page - Texas Instruments TAS3218PZP Datasheet HTML 14Page - Texas Instruments TAS3218PZP Datasheet HTML 15Page - Texas Instruments TAS3218PZP Datasheet HTML 16Page - Texas Instruments TAS3218PZP Datasheet HTML 17Page - Texas Instruments TAS3218PZP Datasheet HTML 18Page - Texas Instruments TAS3218PZP Datasheet HTML 19Page - Texas Instruments TAS3218PZP Datasheet HTML 20Page - Texas Instruments TAS3218PZP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 79 page
background image
Start of Channel Status Block
Audio Data
Preamble
Bits: 0
3 4
7 8
27 28 29 30 31
Aux Data LSB
MSB V U C P
Channel A
Channel A
Channel A
Channel B
Channel B
Channel B
Z
Y
Y
X
X
Validity Data
User Data
Parity Bit
Frame 191
Frame 0
Frame 1
One Sub-Frame
Channel Status Data
TAS3218
www.ti.com ....................................................................................................................................................................................................... SLES235 – JULY 2008
Figure 14. SPDIF Frame Format
SPDIF Encoder Operation
The SPDIF encoder performs the multiplexing of audio, channel status, user, and validity flag. It also performs
bi-phase mark encoding of the multiplexed data stream. Audio data for both left and right channels from the DAP
are latched at the rising edge of the internal LRCLK, which marks the beginning of next sample cycle. The SPDIF
encoder then multiplexes these samples with internally generated preambles, channel status, user data, validity
flag, and parity. The channel status and validity flag are generated based on the settings in the SPDIF control
registers while the user data is fixed to all zero. The bi-phase mark encoded signal is then output starting at the
next rising edge of the internal LRCLK. The generated SPDIF stream is fixed to consumer mode linear audio
PCM format.
While the RESET input is low, the transmitter output, SPDIF_OUT, is forced to logic low level. Upon setting
RESET high, the SPDIF encoder will remain inactive until the module reset is removed by writing 0 to the RST
bit of the control register. Then this module will wait for synchronization with the internal frame clock and starts
encoding audio data. It is recommended to set all other SPDIF control register bits before releasing the module
reset.
Transmitter Control Register
Table 1 shows the M8051 SFR register map for the S/PDIF module control.
Table 1. M8051 SFR Register Map
ADDR
7
6
5
4
3
2
1
0
xx00
RST
CP
EMP
xx01
CATEGORY
L
xx10
SR
VL
VR
SRCNUM
xx11
CLKAC
WORDLEN
The relationship of the M8051 SFR register map with I2C registers is described in Table 2.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com