Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3218PZP Datasheet(PDF) 26 Page - Texas Instruments

Part # TAS3218PZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218PZP Datasheet(HTML) 26 Page - Texas Instruments

Back Button TAS3218PZP Datasheet HTML 22Page - Texas Instruments TAS3218PZP Datasheet HTML 23Page - Texas Instruments TAS3218PZP Datasheet HTML 24Page - Texas Instruments TAS3218PZP Datasheet HTML 25Page - Texas Instruments TAS3218PZP Datasheet HTML 26Page - Texas Instruments TAS3218PZP Datasheet HTML 27Page - Texas Instruments TAS3218PZP Datasheet HTML 28Page - Texas Instruments TAS3218PZP Datasheet HTML 29Page - Texas Instruments TAS3218PZP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 79 page
background image
I2C Chip Select
GPIO Pins
TAS3218
SLES235 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
Power-Up Sequence
The rising edge of the RESET pin begins the initialization of housekeeping functions by clearing memory and
setting the default register values. After housekeeping initialization is complete, the TAS3218 enables the master
I2C interface. The TAS3218 then uses the master I2C interface to determine if an external memory device is
present.
External Memory Device Present
Using the master I2C interface, the TAS3218 will automatically test to see if an external memory device is at
address 1010xxx. The value xxx can be chip selects, other information, or dont care depending on the EEPROM
selected.
If an external memory device is present and it contains the correct header information along with one or more
blocks of program/memory data, the TAS3218 will automatically download the M8051 MCU program RAM,
coefficient and/or data RAM from the external EEPROM. This download is considered complete when an end of
program header is read by the TAS3218.
The memory block structure of the external memory device is available in Master I2C Load RAM Block Formats.
At this point, the TAS3218 will disable the master I2C interface, enable the slave I2C interface, and start normal
operation. After a successful download, the M8051 MCU program counter will be reset and the downloaded
M8051 MCU and DSP application firmware will control execution.
External Memory Device Not Present
If no external EEPROM is present or if an error occurred during the external memory device read, the TAS3218
will disable the master I2C interface, enable the slave I2C interface. The default slave configuration will then be
loaded from the ROM into the M8051 MCU and DSP. In this default configuration, the TAS3218 will stream audio
from input to output if the GPIO1 pin pulled LOW.
NOTE:
The master and slave interfaces do not operate simultaneously, thus when one
interface is enabled, the other is disabled.
The CS pin on the TAS3218 allows up to two TAS3218 devices to be addressed by the I2C bus via an external
host controller without the need for external logic. Table 5 and Table 6 list the I2C address for each I2C interface.
Table 5.
I2C Slave Addressing
SLAVE ADDRESS
CS
0x68/69
0
0x6A/6B
1
Table 6.
I2C Master Addressing
SLAVE ADDRESS
CS
0xA0/A1
0
0xA2/A3
1
The TAS3218 has two level-sensitive GPIO pins, GPIO1 and GPIO2, that are firmware programmable. Upon
power up or following a RESET, the GPIO1 pin becomes an input, and has a special function as described in
GPIO1 Pin Function.
26
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com