Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5103DAPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5103DAPR
Description  20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5103DAPR Datasheet(HTML) 4 Page - Texas Instruments

  TAS5103DAPR Datasheet HTML 1Page - Texas Instruments TAS5103DAPR Datasheet HTML 2Page - Texas Instruments TAS5103DAPR Datasheet HTML 3Page - Texas Instruments TAS5103DAPR Datasheet HTML 4Page - Texas Instruments TAS5103DAPR Datasheet HTML 5Page - Texas Instruments TAS5103DAPR Datasheet HTML 6Page - Texas Instruments TAS5103DAPR Datasheet HTML 7Page - Texas Instruments TAS5103DAPR Datasheet HTML 8Page - Texas Instruments TAS5103DAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TAS5102
TAS5103
SLLS801A – JUNE 2008 – REVISED JUNE 2008 .............................................................................................................................................................. www.ti.com
Pin Functions
PIN
FUNCTION (1)
DESCRIPTION
NAME
TAS5102
TAS5103
NO.
NO
AGND
3
14
P
Analog ground
BST_A
32
17
P
HS bootstrap supply (BST). External capacitor to OUT_A required.
BST_B
25
24
P
HS bootstrap supply (BST). External capacitor to OUT_B required.
BST_C
24
25
P
HS bootstrap supply (BST). External capacitor to OUT_C required.
BST_D
17
32
P
HS bootstrap supply (BST). External capacitor to OUT_D required.
FAULT
12
5
O
Device error signal (shutdown); open drain
GND
4
13
P
Ground
PGND_AB
29
20
P
Power ground for half-bridges A and B
PGND_AB
28
21
P
Power ground for half-bridges A and B
PGND_CD
21
28
P
Power ground for half-bridges C and D
PGND_CD
20
29
P
Power ground for half-bridge D
GVDD_AB
1
16
P
Gate-drive voltage supply. Requires 1-
µF capacitor to GND.
GVDD_CD
16
1
P
Gate-drive voltage supply. Requires 1-
µF capacitor to GND.
Mode selection 2, connect to either AGND or VREG, no pull-up or pull-down
M2
15
2
I
resistors
Mode selection 1, connect to either AGND or VREG, no pull-up or pull-down
M1
14
3
I
resistors
OC_ADJ
13
4
O
Analog overcurrent programming. Requires resistor to ground.
OTW
6
11
O
Overtemperature warning signal, push-pull, active high
OUT_A
30
19
O
Output, half-bridge A
OUT_B
27
22
O
Output, half-bridge B
OUT_C
22
27
O
Output, half-bridge C
OUT_D
19
30
O
Output, half-bridge D
Power supply input for half-bridge A. Requires close decoupling of 0.1-
µF
PVDD_A
31
18
P
capacitor to GND_A.
Power supply input for half-bridge B. Requires close decoupling of 0.1-
µF
PVDD_B
26
23
P
capacitor to GND_B.
Power supply input for half-bridge C. Requires close decoupling of 0.1-
µF
PVDD_C
23
26
P
capacitor to GND_C.
Power supply input for half-bridge D. Requires close decoupling of 0.1-
µF
PVDD_D
18
31
P
capacitor to GND_D.
PWM_A
8
9
I
Input signal for half-bridge A
PWM_B
9
8
I
Input signal for half-bridge B
PWM_C
10
7
I
Input signal for half-bridge C
PWM_D
11
6
I
Input signal for half-bridge D
RESET
7
10
I
PWM is not active if RESET goes low.
Controls start/stop time of PWM modulation. Requires 2.2 nF capacitor to GND
SSTIMER
5
12
I
for AD BTL. Leave pin floating (NC) for BD BTL mode. Also, leave pin floating
(NC) for SE mode.
VREG
2
15
P
Digital regulator supply filter. Requires 0.1-
µF capacitor to AGND.
(1)
I = input, O = output, P = power
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5102 TAS5103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com