Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5103DAPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5103DAPR
Description  20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5103DAPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5103DAPR Datasheet HTML 6Page - Texas Instruments TAS5103DAPR Datasheet HTML 7Page - Texas Instruments TAS5103DAPR Datasheet HTML 8Page - Texas Instruments TAS5103DAPR Datasheet HTML 9Page - Texas Instruments TAS5103DAPR Datasheet HTML 10Page - Texas Instruments TAS5103DAPR Datasheet HTML 11Page - Texas Instruments TAS5103DAPR Datasheet HTML 12Page - Texas Instruments TAS5103DAPR Datasheet HTML 13Page - Texas Instruments TAS5103DAPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TYPICAL CHARACTERISTICS
f − Frequency − Hz
20
VCC = 8 V
RL = 8 Ω (BTL)
Gain = 3 dB
100
1k
10k
0.001
10
20k
0.1
G001
1
PO = 0.5 W
0.01
PO = 1 W
PO = 2.5 W
f − Frequency − Hz
20
VCC = 12 V
RL = 8 Ω (BTL)
Gain = 3 dB
100
1k
10k
0.001
10
20k
0.1
G002
1
PO = 0.5 W
PO = 5 W
0.01
PO = 2.5 W
TAS5102
TAS5103
SLLS801A – JUNE 2008 – REVISED JUNE 2008 .............................................................................................................................................................. www.ti.com
DC Characteristics (continued)
RL= 8 Ω, FPWM = 384 kHz (unless otherwise noted). All performance is in accordance with recommended operating
conditions, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Digital Specifications
VIH
High-level input voltage
2
V
PWM_A, PWM_B, PWM_C, PWM_D, M1, M2,
RESET
VIL
Low-level input voltage
0.8
V
Static, High PWM_A, PWM_B, PWM_C, PWM_D,
100
M1, M2, RESET
Ilkg
Input leakage current
µA
Static, Low PWM_A, PWM_B, PWM_C, PWM_D,
–10
10
M1, M2, RESET
FAULT
RINT_PU
Internal pullup resistance, FAULT
20
26
32
k
Ω
Internal pullup resistor
3
3.3
3.6
VOH
High-level output voltage
V
External pullup of 4.7 k
Ω to 5 V
5.5
VOL
Low-level output voltage
IO = 4 mA
0.25
0.5
V
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 1.
Figure 2.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5102 TAS5103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com