Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5103DAPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5103DAPR
Description  20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5103DAPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5103DAPR Datasheet HTML 3Page - Texas Instruments TAS5103DAPR Datasheet HTML 4Page - Texas Instruments TAS5103DAPR Datasheet HTML 5Page - Texas Instruments TAS5103DAPR Datasheet HTML 6Page - Texas Instruments TAS5103DAPR Datasheet HTML 7Page - Texas Instruments TAS5103DAPR Datasheet HTML 8Page - Texas Instruments TAS5103DAPR Datasheet HTML 9Page - Texas Instruments TAS5103DAPR Datasheet HTML 10Page - Texas Instruments TAS5103DAPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
RECOMMENDED OPERATING CONDITIONS
AC Characteristics (BTL)
TAS5102
TAS5103
www.ti.com .............................................................................................................................................................. SLLS801A – JUNE 2008 – REVISED JUNE 2008
MIN
TYP
MAX
UNIT
Half-bridge supply, PVDD_X
DC supply voltage
8
18
23
V
VSS
Supply for Protection and I/O Logic, VREG
DC supply voltage
3
3.3
3.6
V
RL (BTL)
6-8
Output filter: L = 10
µH, C = 470 nF.
RL (SE)
Load impedance
Output AD modulation, switching
3-4
Ω
frequency > 350 kHz
RL (PBTL)
3-4
LO (BTL)
200
Minimum output inductance under
LO (SE)
Output-filter inductance
200
nH
short-circuit condition
LO (PBTL)
200
FPWM
PWM frame rate
192
384
432
kHz
TJ
Junction temperature
0
125
°C
PVDD_X = 18 V, BTL mode, RL = 8 Ω, ROC = 22 KΩ, CBST = 33-nF, audio frequency = 1 kHz, AES17 filter,
FPWM = 384 kHz, ambient temperature = 25°C (unless otherwise noted). Audio performance is recorded as a chipset, using
TAS5086 PWM processor with an effective modulation index limit of 96.1%. All performance is in accordance with
recommended operating conditions, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PVDD = 18 V, 10% THD
20
PVDD = 18 V, 7% THD
18
PO
Power output per channel
W
PVDD = 12 V, 10% THD
9
PVDD = 12 V, 7% THD
8
PVDD = 18V, Po =10 W (half-power)
0.15
THD+N
Total harmonic distortion + noise
PVDD = 12V, Po =4.5 W (half-power)
0.18
%
1 W
0.05
Vn
Output integrated noise
A-weighted
50
µV
SNR
Signal-to-noise ratio (1)
A-weighted
94
105
dB
A-weighted, input level = –60 dBFS using
DNR
Dynamic range
94
105
dB
TAS5086 modulator
PD
Power dissipation due to idle losses (IPVDD_X) PO = 0 W, 4 channels switching
(2)
0.6
W
(1)
SNR is calculated relative to 0-dBFS input level.
(2)
Actual system idle losses are affected by core losses of output inductors.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TAS5102 TAS5103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com