Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG710 Datasheet(PDF) 1 Page - Texas Instruments

Part # REG710
Description  60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG710 Datasheet(HTML) 1 Page - Texas Instruments

  REG710 Datasheet HTML 1Page - Texas Instruments REG710 Datasheet HTML 2Page - Texas Instruments REG710 Datasheet HTML 3Page - Texas Instruments REG710 Datasheet HTML 4Page - Texas Instruments REG710 Datasheet HTML 5Page - Texas Instruments REG710 Datasheet HTML 6Page - Texas Instruments REG710 Datasheet HTML 7Page - Texas Instruments REG710 Datasheet HTML 8Page - Texas Instruments REG710 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
C
IN
2.2 F
m
C
PUMP
0.22 F
m
3.3Vto
4.2V
C
OUT
2.2 F
m
R
LED
GND
Enable
REG71050
REG710-5
LED
LED
R
R
REG710
www.ti.com............................................................................................................................................... SBAS221F – DECEMBER 2001 – REVISED MARCH 2008
60mA, 5.0V, Buck/Boost Charge Pump
in ThinSOT-23 and ThinQFN
2
• Wide Input Range: 1.8V to 5.5V
The
REG710
is
a
switched
capacitor
voltage
converter that produces a regulated, low-ripple output
• Automatic Step-Up/Step-Down Operation
voltage from an unregulated input voltage. A wide
• Low Input Current Ripple
input supply voltage of 1.8V to 5.5V makes the
• Low Output Voltage Ripple
REG710 ideal for a variety of battery sources, such
• Minimum Number of External
as single-cell Li-Ion, or two- and three-cell nickel- or
alkaline-based chemistries.
Components—No Inductors
• 1MHz Internal Oscillator Allows Small
The input voltage may vary above and below the
Capacitors
output voltage and the output remains in regulation. It
works
equally
well
for
step-up
or
step-down
• Shutdown Mode
applications
without
the
need
for
an
inductor,
• Thermal and Current Limit Protection
providing low EMI dc/dc conversion.
The
high
• Six Output Voltages Available:
switching
frequency
allows
the
use
of
small
surface-mount capacitors, saving board space and
–
5.5V, 5.0V, 3.3V, 3.0V, 2.7V, 2.5V
reducing cost. The REG710 is thermally protected
• Small Packages:
and current limited, protecting the load and the
–
SOT23-6
regulator during fault conditions. Typical ground pin
current (quiescent current) is 65
µA with no load, and
–
TSOT23-6 (REG71055 and REG71050 Only)
less than 1
µA in shutdown mode.
–
TQFN-6 (2
×2×0.8mm; REG71050 Only)
• Evaluation Modules Available:
–
REG710EVM-33, REG710EVM-5
• Smart Card Readers
• SIM Card Supplies
• Cellular Phones
• Portable Communication Devices
• Personal Digital Assistants
• Notebook and Palm-Top Computers
• Modems
• Electronic Games
REG710 Used in White LED Backlight Application
• Handheld Meters
• PCMCIA Cards
• Card Buses
• White LED Drivers
• LCD Displays
• Battery Backup Supplies
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - REG710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG710 TI-REG710 Datasheet
378Kb / 15P
60MA SWITCHED CAP BUCK/BOOST CONVERTER
logo
Burr-Brown (TI)
REG710 BURR-BROWN-REG710 Datasheet
433Kb / 18P
60mA Switched-Cap BUCK/BOOST CONVERTER
logo
Texas Instruments
REG710 TI-REG710 Datasheet
781Kb / 22P
60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
REG710 TI-REG710 Datasheet
1Mb / 32P
REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
REG710 TI1-REG710 Datasheet
1Mb / 32P
Buck-Boost Charge Pump
More results

Similar Description - REG710

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1759 MAXIM-MAX1759 Datasheet
191Kb / 12P
Buck/Boost Regulating Charge Pump in uMAX
Rev 0; 1/00
logo
Linear Technology
LTC1983-3 LINER-LTC1983-3 Datasheet
185Kb / 12P
100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
logo
Texas Instruments
REG710 TI-REG710_08 Datasheet
781Kb / 22P
60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
REG710-25 TI1-REG710-25 Datasheet
1,022Kb / 26P
60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
logo
Linear Technology
LTC1983-3 LINER-LTC1983-3_15 Datasheet
170Kb / 12P
100mA Regulated Charge-Pump Inverters in ThinSOT
LTC1983-5 LINER-LTC1983-5_15 Datasheet
170Kb / 12P
100mA Regulated Charge-Pump Inverters in ThinSOT
logo
Texas Instruments
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
Buck-Boost Charge Pump
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
1A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com