Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP421 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMP421
Description  짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP421 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP421 Datasheet HTML 8Page - Texas Instruments TMP421 Datasheet HTML 9Page - Texas Instruments TMP421 Datasheet HTML 10Page - Texas Instruments TMP421 Datasheet HTML 11Page - Texas Instruments TMP421 Datasheet HTML 12Page - Texas Instruments TMP421 Datasheet HTML 13Page - Texas Instruments TMP421 Datasheet HTML 14Page - Texas Instruments TMP421 Datasheet HTML 15Page - Texas Instruments TMP421 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
www.ti.com
TEMPERATURE REGISTERS
TMP421
TMP422
TMP423
SBOS398B – JULY 2007 – REVISED MARCH 2008
Table 3. Register Map
BIT DESCRIPTION
POINTER
(HEX)
POR (HEX)
7
6
5
4
3
2
1
0
REGISTER DESCRIPTION
00
00
LT11
LT10
LT9
LT8
LT7
LT6
LT5
LT4
Local Temperature (High Byte) (1)
Remote Temperature 1
01
00
RT11
RT10
RT9
RT8
RT7
RT6
RT5
RT4
(High Byte)(1)
Remote Temperature 2
02
00
RT11
RT10
RT9
RT8
RT7
RT6
RT5
RT4
(High Byte)(1)(2)(3)
Remote Temperature 3
03
00
RT11
RT10
RT9
RT8
RT7
RT6
RT5
RT4
(High Byte)(1)(3)
08
BUSY
0
0
0
0
0
0
0
Status Register
09
00
0
SD
0
0
0
RANGE
0
0
Configuration Register 1
1C/3C(2)/
0A
0
REN3(3)
REN2(2)(3)
REN
LEN
RC
0
0
Configuration Register 2
7C(3)
0B
07
0
0
0
0
0
R2
R1
R0
Conversion Rate Register
0F
X
X
X
X
X
X
X
X
One-Shot Start(4)
10
00
LT3
LT2
LT1
LT0
0
0
PVLD
0
Local Temperature (Low Byte)
11
00
RT3
RT2
RT1
RT0
0
0
PVLD
OPEN
Remote Temperature 1 (Low Byte)
Remote Temperature 2
12
00
RT3
RT2
RT1
RT0
0
0
PVLD
OPEN
(Low Byte)(2)(3)
13
00
RT3
RT2
RT1
RT0
0
0
PLVD
OPEN
Remote Temperature 3 (Low Byte)(3)
21
00
NC7
NC6
NC5
NC4
NC3
NC2
NC1
NC0
N Correction 1
22
00
NC7
NC6
NC5
NC4
NC3
NC2
NC1
NC0
N Correction 2(2)(3)
23
00
NC7
NC6
NC5
NC4
NC3
NC2
NC1
NC0
N Correction 3(3)
FC
X
X
X
X
X
X
X
X
Software Reset(5)
FE
55
0
1
0
1
0
1
0
1
Manufacturer ID
0
0
1
0
0
0
0
1
TMP421 Device ID
FF
21
0
0
1
0
0
0
1
0
TMP422 Device ID
0
0
1
0
0
0
1
1
TMP423 Device ID
(1)
Compatible with Two-Byte Read; see Figure 19.
(2)
TMP422.
(3)
TMP423.
(4)
X = undefined. Writing any value to this register initiates a one-shot start; see the One-Shot Conversion section.
(5)
X = undefined. Writing any value to this register initiates a software reset; see the Software Reset section.
The TMP421/22/23 contain circuitry to assure that a
low byte register read command returns data from the
same ADC conversion as the immediately preceding
The TMP421/22/23 have multiple 8-bit registers that
high byte read command. This assurance remains
hold temperature measurement results. The local
valid only until another register is read. For proper
channel and each of the remote channels have a high
operation, the high byte of a temperature register
byte register that contains the most significant bits
should be read first. The low byte register should be
(MSBs) of the temperature analog-to-digital converter
read in the next read command. The low byte register
(ADC) result and a low byte register that contains the
may be left unread if the LSBs are not needed.
least significant bits (LSBs) of the temperature ADC
Alternatively, the temperature registers may be read
result. The local channel high byte address is 00h;
as a 16-bit register by using a single two-byte read
the local channel low byte address is 10h. The
command from address 00h for the local channel
remote channel high byte is at address 01h; the
result, or from address 01h for the remote channel
remote channel low byte address is 11h. For the
result (02h for the second remote channel result, and
TMP422, the second remote channel high byte
03h for the third remote channel). The high byte is
address is 02h; the second remote channel low byte
output first, followed by the low byte. Both bytes of
is 12h. The TMP 423 uses the same local and remote
this
read
operation
are
from
the
same
ADC
address as the TMP421 and TMP422, with the third
conversion.
The
power-on
reset
value
of
all
remote channel high byte of 03h; the third remote
temperature registers is 00h.
channel low byte is 13h. These registers are
read-only and are updated by the ADC each time a
temperature measurement is completed.
12
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TMP421 TMP422 TMP423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com