Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP421 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMP421
Description  짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP421 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP421 Datasheet HTML 12Page - Texas Instruments TMP421 Datasheet HTML 13Page - Texas Instruments TMP421 Datasheet HTML 14Page - Texas Instruments TMP421 Datasheet HTML 15Page - Texas Instruments TMP421 Datasheet HTML 16Page - Texas Instruments TMP421 Datasheet HTML 17Page - Texas Instruments TMP421 Datasheet HTML 18Page - Texas Instruments TMP421 Datasheet HTML 19Page - Texas Instruments TMP421 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
www.ti.com
SOFTWARE RESET
BUS OVERVIEW
GENERAL CALL RESET
SERIAL INTERFACE
IDENTIFICATION REGISTERS
TMP421
TMP422
TMP423
SBOS398B – JULY 2007 – REVISED MARCH 2008
address FEh. The device ID is obtained by reading
from pointer address FFh. The TMP421/22/23 each
The TMP421/22/23 may be reset by writing any value
return 55h for the manufacturer code. The TMP421
to the Software Reset Register (pointer address
returns 21h for the device ID; the TMP422 returns
FCh). This action restores the power-on reset state to
22h for the device ID; and the TMP423 returns 23h
all of the TMP421/22/23 registers as well as aborts
for the device ID. These registers are read-only.
any conversion in process. The TMP421/22/23 also
support reset via the two-wire general call address
(0000 0000). The General Call Reset section contains
more information.
The TMP421/22/23 are SMBus interface-compatible.
In SMBus protocol, the device that initiates the
Table 8. n-Factor Range
transfer is called a master, and the devices controlled
by the master are slaves. The bus must be controlled
NADJUST
by a master device that generates the serial clock
BINARY
HEX
DECIMAL
n
(SCL), controls the bus access, and generates the
0111 1111
7F
127
1.747977
START and STOP conditions.
0000 1010
0A
10
1.042759
To address a specific device, a START condition is
0000 1000
08
8
1.035616
initiated. START is indicated by pulling the data line
0000 0110
06
6
1.028571
(SDA) from a high-to-low logic level while SCL is
0000 0100
04
4
1.021622
high. All slaves on the bus shift in the slave address
0000 0010
02
2
1.014765
byte, with the last bit indicating whether a read or
0000 0001
01
1
1.011371
write operation is intended. During the ninth clock
0000 0000
00
0
1.008
pulse, the slave being addressed responds to the
1111 1111
FF
–1
1.004651
master by generating an Acknowledge and pulling
1111 1110
FE
–2
1.001325
SDA low.
1111 1100
FC
–4
0.994737
Data transfer is then initiated and sent over eight
1111 1010
FA
–6
0.988235
clock pulses followed by an Acknowledge bit. During
1111 1000
F8
–8
0.981818
data transfer SDA must remain stable while SCL is
1111 0110
F6
–10
0.975484
high, because any change in SDA while SCL is high
1000 0000
80
–128
0.706542
is interpreted as a control signal.
Once all data have been transferred, the master
generates a STOP condition. STOP is indicated by
pulling SDA from low to high, while SCL is high.
The TMP421/22/23 support reset via the two-wire
General
Call
address
00h
(0000
0000b).
The
TMP421/22/23
acknowledge
the
General
Call
address and respond to the second byte. If the
The TMP421/22/23 operate only as a slave device on
second byte is 06h (0000 0110b), the TMP421/22/23
either the two-wire bus or the SMBus. Connections to
execute a software reset. This software reset restores
either bus are made via the open-drain I/O lines, SDA
the
power-on
reset
state
to
all
TMP421/22/23
and SCL. The SDA and SCL pins feature integrated
registers, and aborts any conversion in progress. The
spike suppression filters and Schmitt triggers to
TMP421/22/23 take no action in response to other
minimize the effects of input spikes and bus noise.
values in the second byte.
The TMP421/22/23 support the transmission protocol
for fast (1kHz to 400kHz) and high-speed (1kHz to
3.4MHz) modes. All data bytes are transmitted MSB
first.
The TMP421/22/23 allow for the
two-wire
bus
controller to query the device for manufacturer and
device IDs to enable software identification of the
device at the particular two-wire bus address. The
manufacturer ID is obtained by reading from pointer
16
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TMP421 TMP422 TMP423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com