Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP421 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP421
Description  짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP421 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP421 Datasheet HTML 9Page - Texas Instruments TMP421 Datasheet HTML 10Page - Texas Instruments TMP421 Datasheet HTML 11Page - Texas Instruments TMP421 Datasheet HTML 12Page - Texas Instruments TMP421 Datasheet HTML 13Page - Texas Instruments TMP421 Datasheet HTML 14Page - Texas Instruments TMP421 Datasheet HTML 15Page - Texas Instruments TMP421 Datasheet HTML 16Page - Texas Instruments TMP421 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
www.ti.com
STATUS REGISTER
CONFIGURATION REGISTER 1
CONFIGURATION REGISTER 2
TMP421
TMP422
TMP423
SBOS398B – JULY 2007 – REVISED MARCH 2008
The temperature range is set by configuring the
RANGE bit (bit 2) of the Configuration Register.
The
Status
Register
reports
the
state
of
the
Setting this bit low configures the TMP421/22/23 for
temperature ADCs. Table 4 summarizes the Status
the standard measurement range (–40
°C to +127°C);
Register bits. The Status Register is read-only, and is
temperature
conversions
will
be
stored
in
the
read by accessing pointer address 08h.
standard binary format. Setting bit 2 high configures
the TMP421/22/23 for the extended measurement
The BUSY bit = '1' if the ADC is making a conversion;
range (–55
°C to +150°C); temperature conversions
it is set to '0' if the ADC is not converting.
will be stored in the extended binary format (see
Table 1).
The remaining bits of the Configuration Register are
Configuration Register 1 (pointer address 09h) sets
reserved and must always be set to '0'. The power-on
the temperature range and controls the shutdown
reset value for this register is 00h.
mode. The Configuration Register is set by writing to
pointer address 09h and read by reading from pointer
address 09h. Table 5 summarizes the bits of
Configuration Register 1.
Configuration
Register
2
(pointer
address
0Ah)
controls which temperature measurement channels
The shutdown (SD) bit (bit 6) enables or disables the
are enabled and whether the external channels have
temperature measurement circuitry. If SD = '0', the
the resistance correction feature enabled or not.
TMP421/22/23 convert continuously at the rate set in
Table
6
summarizes
the
bits
of
Configuration
the conversion rate register. When SD is set to '1',
Register 2.
the TMP421/22/23 stop converting when the current
conversion sequence is complete and
enter
a
shutdown mode. When SD is set to '0' again, the
TMP421/22/23
resume
continuous
conversions.
When SD = '1', a single conversion can be started by
writing to the One-Shot Register. See the One-Shot
Conversion section for more information.
Table 4. Status Register Format
STATUS REGISTER (Read = 08h, Write = NA)
BIT #
D7
D6
D5
D4
D3
D2
D1
D0
BIT NAME
BUSY
0
0
0
0
0
0
0
POR VALUE
0(1)
0
0
0
0
0
0
0
(1)
FOR TMP421/TMP423: The BUSY changes to '1' almost immediately (< 100
µs) following power-up, as the TMP421/TMP423 begin the
first temperature conversion. It is high whenever the TMP421/TMP423 convert a temperature reading.
FOR TMP422: The BUSY bit changes to '1' approximately 1ms following power-up. It is high whenever the TMP422 converts a
temperature reading.
Table 5. Configuration Register 1 Bit Descriptions
CONFIGURATION REGISTER 1 (Read/Write = 09h, POR = 00h)
POWER-ON RESET
BIT
NAME
FUNCTION
VALUE
7
Reserved
—
0
0 = Run
6
SD
0
1 = Shut Down
5, 4, 3
Reserved
—
0
0 = –55
°C to +127°C
2
Temperature Range
0
1 = –55
°C to +150°C
1, 0
Reserved
—
0
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TMP421 TMP422 TMP423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com