Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD340D Datasheet(PDF) 11 Page - STMicroelectronics

Part # TD340D
Description  H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD340D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TD340D Datasheet HTML 7Page - STMicroelectronics TD340D Datasheet HTML 8Page - STMicroelectronics TD340D Datasheet HTML 9Page - STMicroelectronics TD340D Datasheet HTML 10Page - STMicroelectronics TD340D Datasheet HTML 11Page - STMicroelectronics TD340D Datasheet HTML 12Page - STMicroelectronics TD340D Datasheet HTML 13Page - STMicroelectronics TD340D Datasheet HTML 14Page - STMicroelectronics TD340D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TD340
11/21
Reversed battery active protection
In full H-bridge configuration, there is a risk in case of power voltage reversal due to the intrinsic diodes
inside the MOS. A passive protection solution is to wire a diode between the H-bridge and the power
supply. Disadvantages are voltage drop and power dissipation.
The TD340 provides support for reversed battery active protection.
An oscillator OSC output is available to allow proper command of a 5th MOS connected upside down.
The MOS must have low threshold voltage because the oscillator output swing is about 6.5V.
In normal conditions, the MOS intrinsic diode supplies power to the driver at startup. When the TD340 is
started, the OSC output enables the MOS to switch on, providing lower voltage drop and lower power
dissipation.
In case of reversed battery, the 5th MOS remains off, and no dangerous voltages can reach the driver nor
the power MOS.
The OSC oscillator can only supply a few mA. It must be loaded with a large impedance, typically 100pF
and 680k.
Figure 5 : Reversed Battery Active Protection Principle
UVLO and OVLO protections
The TD340 includes protections again overvoltage and undervoltage conditions.
Overvoltage is dangerous for the MOS and for the load due to possible excessive currents and power
dissipation.
Undervoltage is dangerous because MOS driving is no more reliable. MOS could be in linear mode with
high ohmic dissipation.
TD340 Under Voltage LockOut and Over Voltage LockOut features protect the system from no
operational power voltage. UVLO and OVLO thresholds are 6.2V and 20V. Hysteresis provides reliable
behavior near the thresholds.
During UVLO and OVLO, MOS are switched off (TD340 in disable state).
M
TD340
Vbatt
1
2
3
4
2
3
VBATT
GND
REVERSED BATTERY
5
MOSFET 5
REMAINS
OFF
ALL MOSFETS AND DRIVER ARE PROTECTED
Driver is not supplied
Osc
M
TD340
Vbatt
Osc
1
2
3
4
2
3
VBATT
GND
~Vbatt
Normal Conditions
Vbatt+6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com