Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD340D Datasheet(PDF) 16 Page - STMicroelectronics

Part # TD340D
Description  H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD340D Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TD340D Datasheet HTML 12Page - STMicroelectronics TD340D Datasheet HTML 13Page - STMicroelectronics TD340D Datasheet HTML 14Page - STMicroelectronics TD340D Datasheet HTML 15Page - STMicroelectronics TD340D Datasheet HTML 16Page - STMicroelectronics TD340D Datasheet HTML 17Page - STMicroelectronics TD340D Datasheet HTML 18Page - STMicroelectronics TD340D Datasheet HTML 19Page - STMicroelectronics TD340D Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
TD340
16/21
PERFORMANCE CURVES (continued) Vbatt= 12V, unless otherwise specified
Supply current
Reset Threshold (decreasing)
Under Voltage Lockout
Standby current
Reset Threshold (increasing)
Over Voltage Lockout
-50
0
50
100
150
T(
°C)
2.5
3
3.5
4
4.5
5
-50
0
50
100
150
T(
°C)
3.9
4.0
4.1
4.2
4.3
4.4
-50
0
50
100
150
T(
°C)
5.8
5.9
6.0
6.1
6.2
6.3
6.4
6.5
-50
0
50
100
150
T(
°C)
100
150
200
250
300
350
-50
0
50
100
150
T(
°C)
3.9
4.0
4.1
4.2
4.3
4.4
-50
0
50
100
150
T(
°C)
18
19
20
21
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com