Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD340D Datasheet(PDF) 5 Page - STMicroelectronics

Part # TD340D
Description  H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD340D Datasheet(HTML) 5 Page - STMicroelectronics

  TD340D Datasheet HTML 1Page - STMicroelectronics TD340D Datasheet HTML 2Page - STMicroelectronics TD340D Datasheet HTML 3Page - STMicroelectronics TD340D Datasheet HTML 4Page - STMicroelectronics TD340D Datasheet HTML 5Page - STMicroelectronics TD340D Datasheet HTML 6Page - STMicroelectronics TD340D Datasheet HTML 7Page - STMicroelectronics TD340D Datasheet HTML 8Page - STMicroelectronics TD340D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TD340
5/21
ELECTRICAL CHARACTERISTICS (continued)
Vbatt= 12V, Tamb=-40
°C to 125°C (unless otherwise specified)
Symbol
Parameter
Test Conditio n
Min.
Typ.
Max.
Unit
VOLTAGE REGULATOR - Co=220nF - note 2
Vout
Output Voltage
Io=20mA
T=25
°C
40
°C < T < 125°C
4.6
4.5
5
5
5.4
5.5
V
V
Line
Reg
Line Regulation
6V < Vbatt < 16V, Io=20mA
T=25
°C
40
°C < T < 125°C
100
150
mV
mV
Load
Reg
Load Regulation
0
≤ Io ≤ 40mA
T=25
°C
40
°C < T < 125°C
20
40
mV
mV
Io
Maximum Output Current
Vbatt = 12V
6V < Vbatt < 16V
40
20
mA
mA
Ios
Output Current Short Circuit
Vout=0
100
200
mA
RESET SUPERVISORY CIRCUIT - note 3
Vthi
Threshold Voltage Vout Increasing
T=25
°C
40
°C < T < 125°C
4.0
3.9
4.3
4.5
4.6
V
V
Vthd
Threshold Voltage Vout Decreasing
T=25
°C
40
°C < T < 125°C
3.9
3.8
4.2
4.4
4.5
V
V
ki
Linearity coefficient (Vthi = ki Vout)
0.86
kd
Linearity coefficient (Vthd = kd Vout)
0.84
Vhys
Hysteresis Threshold Voltage
50
100
200
mV
tphl
Response Time High to Low
5
µs
WATCHDOG CIRCUIT
twd
Watchdog Time Out Period
No ext. capacitor
Cwd = 47nF - note 4
0.5
0.7
1
1
2
1.5
ms
s
tipw
Watchdog Input Pulse Width for Proper
Retrigger
0.1
µs
tipr
Watchdog Input Rise Time for Proper
Retrigger
0.1
µs
treset
Reset Pulse Width
10
20
40
µs
TEMPERATURE OUTPUT
VT
Output Voltage
T= 25oC
2.58
2.68
2.78
V
∆V
T
Output Temperature Drift
-7
-7.5
-7.8
mV/
oC
Notes :
1. For proper operation, a 5.6k resistor needs to be connected between OSC and GND.
2. 220nF is the optimized value for the voltage regulator
3. The reset thresholds (Vout increasing and decreasing) are proportional to Vout, (coefficients ki and kd). ki and kd vary in the same direc-
tion with temperature.
4. Watchdog capacitor Cwd should be placed as close as possible to CWD pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com