Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1910 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA1910
Description  10W AUDIO AMPLIFIER WITH MUTING
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1910 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA1910 Datasheet HTML 1Page - STMicroelectronics TDA1910 Datasheet HTML 2Page - STMicroelectronics TDA1910 Datasheet HTML 3Page - STMicroelectronics TDA1910 Datasheet HTML 4Page - STMicroelectronics TDA1910 Datasheet HTML 5Page - STMicroelectronics TDA1910 Datasheet HTML 6Page - STMicroelectronics TDA1910 Datasheet HTML 7Page - STMicroelectronics TDA1910 Datasheet HTML 8Page - STMicroelectronics TDA1910 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TDA1910
10W AUDIO AMPLIFIER WITH MUTING
DESCRIPTION
The TDA 1910 is a monolithic integrated circuit in
MULTIWATT
® package, intended for use in Hi-Fi
audio power applications, as high quality TV sets.
The TDA 1910 meets the DIN 45500 (d = 0.5%)
guaranteed output power of 10W when used at
24V/4W. At 24V/8W the output power is 7W min.
Features:
– muting facility
– protection against chip over temperature
– very low noise
– high supply voltage rejection
– low ”switch-on” noise.
The TDA 1910 is assembled in MULTIWATT
®
package that offers:
– easy assembly
– simple heatsink
May 1997
Symbol
Parameter
Value
Unit
Vs
Supply voltage
30
V
Io
Output peak current (non repetitive)
3.5
A
Io
Output peak current (repetitive)
3.0
A
Vi
Input voltage
0 to + Vs
V
Vi
Differential input voltage
± 7V
V11
Muting thresold voltage
Vs
V
Ptot
Power dissipation at Tcase =90
°C20
W
Tstg,Tj
Storage and junction temperature
-40 to 150
°C
ABSOLUTE MAXIMUM RATINGS
ORDERING NUMBERS:
TDA1910 (Multiwatt11 Vertical)
TDA1910HS (Multiwatt11 Horizontal)
Multiwatt 11
TEST CIRCUIT
– space and cost saving
– high reliability
(*) See fig. 13.
1/14


Similar Part No. - TDA1910

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA1910 STMICROELECTRONICS-TDA1910 Datasheet
389Kb / 15P
10W AUDIO AMPLIFIER WITH MUTING
Sep-2003
TDA1910 STMICROELECTRONICS-TDA1910_03 Datasheet
389Kb / 15P
10W AUDIO AMPLIFIER WITH MUTING
Sep-2003
More results

Similar Description - TDA1910

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7000 NTE-NTE7000 Datasheet
32Kb / 4P
Integrated Circuit 5W Audio Amplifier with Muting
logo
STMicroelectronics
TDA1905 STMICROELECTRONICS-TDA1905 Datasheet
215Kb / 14P
5W AUDIO AMPLIFIER WITH MUTING
Mar-1993
TDA7245 STMICROELECTRONICS-TDA7245 Datasheet
200Kb / 11P
5W AUDIO AMPLIFIER WITH MUTING AND STAND-BY
Mar-1995
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
logo
Integral Corp.
ILA2003 INTEGRAL-ILA2003 Datasheet
157Kb / 4P
10W AUDIO AMPLIFIER
logo
Wuxi Youda electronics ...
TDA2003 YOUDA-TDA2003 Datasheet
158Kb / 3P
10W AUDIO AMPLIFIER
logo
KODENSHI_AUK CORP.
KKA2003 KODENSHI-KKA2003 Datasheet
139Kb / 3P
10W AUDIO AMPLIFIER
logo
STMicroelectronics
TDA1910 STMICROELECTRONICS-TDA1910_03 Datasheet
389Kb / 15P
10W AUDIO AMPLIFIER WITH MUTING
Sep-2003
E-TDA2003V STMICROELECTRONICS-E-TDA2003V Datasheet
301Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
Sep-2013
logo
Princeton Technology Co...
PT2830 PTC-PT2830 Datasheet
231Kb / 5P
10W Stereo Integrated Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com