Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003H Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA2003H
Description  10W CAR RADIO AUDIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2003H Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA2003H Datasheet HTML 2Page - STMicroelectronics TDA2003H Datasheet HTML 3Page - STMicroelectronics TDA2003H Datasheet HTML 4Page - STMicroelectronics TDA2003H Datasheet HTML 5Page - STMicroelectronics TDA2003H Datasheet HTML 6Page - STMicroelectronics TDA2003H Datasheet HTML 7Page - STMicroelectronics TDA2003H Datasheet HTML 8Page - STMicroelectronics TDA2003H Datasheet HTML 9Page - STMicroelectronics TDA2003H Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Short-circuit (AC and DC conditions)
The TDA 2003 can withstand a permanent short-
circuit on the output for a supply voltage up to 16V.
Polarity inversion
High current (up to 5A) can be handled by the
device with no damage for a longer period than the
blow-out time of a quick 1A fuse (normally con-
nected in series with the supply).
This feature is added to avoid destruction if, during
fitting to the car, a mistake on the connection of the
supply is made.
Open ground
When the radio is in the ON condition and the
ground is accidentally opened, a standard audio
amplifier will be damaged. On the TDA 2003 pro-
tection diodes are included to avoid any damage.
Inductive load
A protection diode is provided between pin 4 and 5
(see the internal schematic diagram) to allow use
of the TDA 2003 with inductive loads.
In particular, the TDA 2003 can drive a coupling
transformer for audio modulation.
DC voltage
The maximum operating DC voltage on the TDA
2003 is 18V.
However the device can withstand a DC voltage up
to 28V with no damage. This could occur during
winter if two batteries were series connected to
crank the engine.
Thermal shut-down
The presence of a thermal limiting circuit offers the
following advantages:
1) an overload on the output (even if it is perma-
nent), oran excessive ambient temperature can
be easily withstood.
2) the heat-sink can have a smaller factor com-
pared with that of a conventionalcircuit.
There is no device damage in the case of ex-
cessive junction temperature: all that happens
is that Po (and therefore Ptot) and Id are reduced.
Figure 20. Output power and
dr a in
cu r re n t
vs .
c ase
temperature (RL =4
Ω)
Figure 21. Output power and
dr ai n
cur re nt
vs .
c as e
temperature (RL =2
Ω)
Figure 18.
Figure 19.
7/10
TDA2003



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com