Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003H Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA2003H
Description  10W CAR RADIO AUDIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2003H Datasheet(HTML) 1 Page - STMicroelectronics

  TDA2003H Datasheet HTML 1Page - STMicroelectronics TDA2003H Datasheet HTML 2Page - STMicroelectronics TDA2003H Datasheet HTML 3Page - STMicroelectronics TDA2003H Datasheet HTML 4Page - STMicroelectronics TDA2003H Datasheet HTML 5Page - STMicroelectronics TDA2003H Datasheet HTML 6Page - STMicroelectronics TDA2003H Datasheet HTML 7Page - STMicroelectronics TDA2003H Datasheet HTML 8Page - STMicroelectronics TDA2003H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
®
TDA2003
10W CAR RADIO AUDIO AMPLIFIER
DESCRIPTION
The TDA 2003 has improved performance with the
same pin configuration as the TDA 2002.
The additional features of TDA 2002, very low
number of external components,ease of assembly,
space and cost saving, are maintained.
The device provides a high output current capability
(up to 3.5A) very low harmonic and cross-over
distortion.
Completely safe operation is guaranteed due to
protectionagainst DC and AC short circuit between
all pins and ground, thermal over-range, load dump
voltage surge up to 40V and fortuitous open
ground.
October 1998
Symbol
Parameter
Value
Unit
VS
Peak supply voltage (50ms)
40
V
VS
DC supply voltage
28
V
VS
Operating supply voltage
18
V
IO
Output peak current (repetitive)
3.5
A
IO
Output peak current (non repetitive)
4.5
A
Ptot
Power dissipation at Tcase = 90
°C20
W
Tstg,Tj
Storage and junction temeperature
-40 to 150
°C
ABSOLUTE MAXIMUM RATINGS
TEST CIRCUIT
PENTAWATT
ORDERING NUMBERS : TDA 2003H
TDA 2003V
1/10


Similar Part No. - TDA2003H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2003HLG STMICROELECTRONICS-TDA2003HLG Datasheet
197Kb / 8P
10 W car radio audio amplifier
18-Sep-2013
More results

Similar Description - TDA2003H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2004A STMICROELECTRONICS-TDA2004A Datasheet
164Kb / 10P
10 10W STEREO AMPLIFIER FOR CAR RADIO
Mar-1995
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
logo
NTE Electronics
NTE1288 NTE-NTE1288 Datasheet
75Kb / 2P
Integrated Circuit Audio Power Amplifier, 10W for Car Radio
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_11 Datasheet
316Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
TDA2004 UTC-TDA2004 Datasheet
89Kb / 8P
1010W STEREO AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
E-TDA2003V STMICROELECTRONICS-E-TDA2003V Datasheet
301Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
Sep-2013
logo
Tiger Electronic Co.,Lt...
TDA2003AV TGS-TDA2003AV Datasheet
338Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_15 Datasheet
320Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
TDA2003 ARTSCHIP-TDA2003 Datasheet
647Kb / 9P
10W CAR RADIO AUDIO AMPLIFIER
logo
Hangzhou Youwang Electr...
UTC2003 YOUWANG-UTC2003 Datasheet
142Kb / 8P
CAR RADIO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com