Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003H Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA2003H
Description  10W CAR RADIO AUDIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2003H Datasheet(HTML) 4 Page - STMicroelectronics

  TDA2003H Datasheet HTML 1Page - STMicroelectronics TDA2003H Datasheet HTML 2Page - STMicroelectronics TDA2003H Datasheet HTML 3Page - STMicroelectronics TDA2003H Datasheet HTML 4Page - STMicroelectronics TDA2003H Datasheet HTML 5Page - STMicroelectronics TDA2003H Datasheet HTML 6Page - STMicroelectronics TDA2003H Datasheet HTML 7Page - STMicroelectronics TDA2003H Datasheet HTML 8Page - STMicroelectronics TDA2003H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
Figure 1. Quiescent output
voltage vs. supply voltage
Figure 2. Quiescent drain
current vs. supply voltage
Figure 3. Output power vs.
supply voltage
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
B
Frequency response (-3 dB)
Po =1W
RL =4
Ω
40 to 15,000
Hz
d
Distortion
f = 1 kHz
Po = 0.05 to4.5W RL =4
Ω
Po = 0.05 to 7.5W RL =2
Ω
0.15
0.15
%
%
Ri
Input resistance (pin 1)
f = 1 kHz
70
150
k
Ω
Gv
Voltage gain (open loop)
f = 1 kHz
f = 10 kHz
80
60
dB
dB
Gv
Voltage gain (closed loop)
f = 1 kHz
RL =4
Ω
39.3
40
40.3
dB
eN
Input noise voltage
(0)
1
5
µV
iN
Input noise current
(0)
60
200
pA
η
Efficiency
f = 1 Hz
Po =6W
Po = 10W
RL =4
Ω
RL =2
Ω
69
65
%
%
SVR
Supply voltage rejection
f = 100 Hz
Vripple = 0.5V
Rg =10 k
Ω
RL =4
Ω
30
36
dB
ELECTRICAL CHARACTERISTICS (continued)
(0) Filter with noise bandwidth: 22 Hz to 22 kHz
TDA2003



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com