Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2004 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA2004
Description  10 10W STEREO AMPLIFIER FOR CAR RADIO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2004 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA2004 Datasheet HTML 2Page - STMicroelectronics TDA2004 Datasheet HTML 3Page - STMicroelectronics TDA2004 Datasheet HTML 4Page - STMicroelectronics TDA2004 Datasheet HTML 5Page - STMicroelectronics TDA2004 Datasheet HTML 6Page - STMicroelectronics TDA2004 Datasheet HTML 7Page - STMicroelectronics TDA2004 Datasheet HTML 8Page - STMicroelectronics TDA2004 Datasheet HTML 9Page - STMicroelectronics TDA2004 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
BUILT–IN PROTECTION SYSTEMS
LOAD DUMP VOLTAGE SURGE
The TDA2004A has a circuit which enables it to wi-
thstand a voltage pulse train, on pin 9, of the type
shown in Fig. 19.
If the supply voltage peaks to more than 40 V, then
an LC filter must be insertedbetween the supply and
pin 9, in order to assure that the pulses at pin 9 will
be held within the limits shown.
A suggested LC network is shown in Fig. 18. With
this network, a train of pulsewith amplitude up to 120
V and with of 2 ms can be applied to point A. This
type of protection is ON when the supply voltage
(pulse or DC) exceeds18 V. For this reason the ma-
ximum operating supply voltage is 18 V.
SHORT CIRCUIT (AC conditions)
The TDA2004A can withstand an accidental short-
circuit from the output to ground caused by a wrong
connection during normal working.
POLARITY INVERSION
High current (up to 10 A) can be handled by the de-
vice with no damage for a longer period than the
blow-out time of a quick 2 A fuse (normally connec-
ted in series with the supply). This feature is added
to avoid destruction, if during fitting to the car, a mi-
stake on the connection of the supply is made.
OPEN GROUND
When the ratio is the ON condition and the ground
is accidentally opened, a standard audio amplifier
will be damaged. On the TDA2004A protection dio-
des are included to avoid any damage.
INDUCTIVE LOAD
A protection diode is provided to allow use of the
TDA2004A with inductive loads.
DC VOLTAGE
The maximum operating DC voltage on the
TDA2004A is 18 V.
However the device can withstand a DC voltage up
to 28 V withno damage. This could occur during win-
ter if two batteries are series connected to crank the
engine.
THERMAL SHUT-DOWN
The presence of a thermal limiting circuit offers the
following advantages :
1) an overload on the output(even if it is permanent),
or an excessive ambient temperature can be easily
withstood.
2) the heatsink can have a smaller factor of safety
compared with that of a conventional circuit. There
is no device damage in the case of excessive jun-
ction temperature ; all that happens is the PO (and
therefore Ptot)and Id are reduced.
The maximum allowable power dissipationdepends
upon the size of the external heatsink(i.e. its thermal
resistance) ; fig. 15 shown this dissipable power as
a function of ambient temperature for different ther-
mal resistance.
Figure 18.
Figure 19.
TDA2004A
8/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com