Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2004 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA2004
Description  10 10W STEREO AMPLIFIER FOR CAR RADIO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2004 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA2004 Datasheet HTML 1Page - STMicroelectronics TDA2004 Datasheet HTML 2Page - STMicroelectronics TDA2004 Datasheet HTML 3Page - STMicroelectronics TDA2004 Datasheet HTML 4Page - STMicroelectronics TDA2004 Datasheet HTML 5Page - STMicroelectronics TDA2004 Datasheet HTML 6Page - STMicroelectronics TDA2004 Datasheet HTML 7Page - STMicroelectronics TDA2004 Datasheet HTML 8Page - STMicroelectronics TDA2004 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Notes : (*) 9.3W without Bootstrap
(**) Bandwith Filter : 22Hz to 22KHz.
ELECTRICAL CHARACTERISTICS (continued
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Ri
Input Resistance (non inverting input) f = 1KHz
70
200
K
Ω
fL
Low Frequency Roll off (-3dB)
RL =4
Ω
RL =2
Ω
RL = 3.2
Ω
RL= 1.6
Ω
35
50
40
55
Hz
Hz
Hz
Hz
fH
High Frequency Roll off (-3dB)
RL = 1.6
Ω to 4Ω
15
KHz
GV
Voltage gain (open loop)
f = 1KHz
90
dB
Voltage gain (closed loop)
f = 1KHz
48
50
51
dB
closed loop gain matching
0.5
dB
eN
Total Input noise Voltage
Rg = 10K
Ω (**)
1.5
5
µV
SVR
Supply Voltage Rejection
fripple = 100Hz; Rg = 10K
Ω
C3 = 10
µFVripple = 0.5Vrms
35
45
dB
η
Efficiency
VS = 14.4V f = 1KHz
RL =4
Ω
PO = 6.5W
RL =2
Ω
PO = 10W
VS = 13.2V f = 1KHZ
RL =3.2
Ω PO = 6.5W
RL = 1.6
Ω PO = 10W
70
60
70
60
%
%
%
%
TJ
Thermal Shutdown Junction
Temperature
145
°C
Figure 1 : Test and Application Circuit.
TDA2004A
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com