Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2004 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA2004
Description  10 10W STEREO AMPLIFIER FOR CAR RADIO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2004 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA2004 Datasheet HTML 1Page - STMicroelectronics TDA2004 Datasheet HTML 2Page - STMicroelectronics TDA2004 Datasheet HTML 3Page - STMicroelectronics TDA2004 Datasheet HTML 4Page - STMicroelectronics TDA2004 Datasheet HTML 5Page - STMicroelectronics TDA2004 Datasheet HTML 6Page - STMicroelectronics TDA2004 Datasheet HTML 7Page - STMicroelectronics TDA2004 Datasheet HTML 8Page - STMicroelectronics TDA2004 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case Thermal Resistance Junction-case
Max.
3
°C/W
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Opearting Supply Voltage
18
V
VS
DC Supply Voltage
28
V
VS
Peak Supply Voltage (for 50ms)
40
V
IO (*)
Output Peak Current (non repetitive t = 0.1ms)
4.5
A
IO (*)
Output Peak Current (repetitive f
≥ 10Hz)
3.5
A
Ptot
Power Dissipation at Tcase =60
°C30
W
Tj,Tstg
Storage and Junction Temperature
–40 to 150
°C
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, Tamb =25
°C, GV = 50dB,
Rth (heatsink) =4
°C/W, unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
8
18
V
VO
Quiescent Output Voltage
VS = 14.4V
VS = 13.2V
6.6
6.0
7.2
6.6
7.8
7.2
V
V
Id
Total Quiescent Drain Current
VS = 14.4V
VS = 13.2V
65
62
120
120
mA
mA
ISB
Stand-by Current
Pin 3 grounded
5
mA
PO
Output Power (each channel)
f = 1KHz, d = 10%
VS = 14.4V
RL =4
Ω
RL =3.2
Ω
RL =2
Ω
RL= 1.6
Ω
6
7
9
10
6.5
8
10(*)
11
W
W
W
W
VS = 13.2V
RL =3.2
Ω
RL= 1.6
Ω
6
9
6.5
10
w
w
VS = 16V; RL =2
Ω
12
w
d
Distortion (each channel)
f = 1KHz
VS = 14.4V; RL =4
Ω
PO = 50mW to 4W
VS = 14.4V; RL =2
Ω
PO = 50mW to 6W
VS = 13.2V; RL = 3.2
Ω
PO = 50mW to 3W
VS = 13.2V; RL = 1.6
Ω
PO = 50mW to 6W
0.2
0.3
0.2
0.3
1
1
1
1
%
%
%
%
CT
Cross Talk
VS = 14.4V
VO = 4Vrms RL =4
Ω
f = 1KHz
f = 10KHz Rg =5K
Ω
50
40
60
45
dB
dB
Vi
Input Saturation Voltage
300
mV
(*) The max. output current is internally limited.
TDA2004A
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com