Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2030 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA2030
Description  14W Hi-Fi AUDIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA2030 Datasheet HTML 3Page - STMicroelectronics TDA2030 Datasheet HTML 4Page - STMicroelectronics TDA2030 Datasheet HTML 5Page - STMicroelectronics TDA2030 Datasheet HTML 6Page - STMicroelectronics TDA2030 Datasheet HTML 7Page - STMicroelectronics TDA2030 Datasheet HTML 8Page - STMicroelectronics TDA2030 Datasheet HTML 9Page - STMicroelectronics TDA2030 Datasheet HTML 10Page - STMicroelectronics TDA2030 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8/11
SHORT CIRCUIT PROTECTION
The TDA2030 has an original circuit which limits the
current of the output transistors. Fig. 18 shows that
the maximum output current is a function of the
collector emitter voltage; hence the output transis-
tors work within their safe operating area (Fig. 2).
This function can therefore be considered as being
peak power limiting rather than simple current lim-
iting.
It reduces the possibility that the device gets dam-
aged during an accidental short circuit from AC
output to ground.
F i gu r e 1 8. Ma ximum
out pu t
c urr ent
v s .
voltage [VCEsat]across
each output transistor
Figure 19. Safe operating area and
collector characteristics of the
protected power transistor
THERMAL SHUT-DOWN
The presence of a thermal limiting circuit offers the
following advantages:
1. An overload on the output (even if it is perma-
nent), or an abovelimit ambient temperaturecan
be easily supported since the Tj cannot be
higher than 150
°C.
2. The heatsink can have a smaller factor of safety
compared with that of a conventional circuit.
There is no possibility of device damage due to
high junction temperature.If for any reason, the
junction temperature increases up to 150
°C, the
thermal shut-down simply reduces the power
dissipation at the current consumption.
The maximum allowable power dissipation de-
pends upon the size of the external heatsink (i.e. its
thermal resistance); fig. 22 shows this dissipable
power as a function of ambient temperature for
different thermal resistance.
TDA2030



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com