Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2030 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA2030
Description  14W Hi-Fi AUDIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA2030 Datasheet HTML 1Page - STMicroelectronics TDA2030 Datasheet HTML 2Page - STMicroelectronics TDA2030 Datasheet HTML 3Page - STMicroelectronics TDA2030 Datasheet HTML 4Page - STMicroelectronics TDA2030 Datasheet HTML 5Page - STMicroelectronics TDA2030 Datasheet HTML 6Page - STMicroelectronics TDA2030 Datasheet HTML 7Page - STMicroelectronics TDA2030 Datasheet HTML 8Page - STMicroelectronics TDA2030 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TDA2030
14W Hi-Fi AUDIO AMPLIFIER
DESCRIPTION
The TDA2030 is a monolithic integrated circuit in
Pentawatt
® package, intended for use as a low
frequency class AB amplifier. Typically it provides
14W output power (d = 0.5%) at 14V/4
Ω;at ± 14V
the guaranteed output power is 12W on a 4
Ω load
and 8W on a 8
Ω (DIN45500).
The TDA2030 provides high output current and has
very low harmonic and cross-over distortion.
Further the device incorporates an original (and
patented) short circuit protection system compris-
ing an arrangement for automatically limiting the
dissipated power so as to keep the working point
of the output transistors within their safe operating
area. A conventional thermal shut-down system is
also included.
March 1993
Symbol
Parameter
Value
Unit
Vs
Supply voltage
± 18
V
Vi
Input voltage
Vs
Vi
Differential input voltage
± 15
V
Io
Output peak current (internally limited)
3.5
A
Ptot
Power dissipation at Tcase =90
°C20
W
Tstg,Tj
Stoprage and junction temperature
-40 to 150
°C
ABSOLUTE MAXIMUM RATINGS
TYPICAL APPLICATION
Pentawatt
ORDERING NUMBERS : TDA2030H
TDA2030V
1/11


Similar Part No. - TDA2030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA2030 ETC-TDA2030 Datasheet
101Kb / 14P
14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
543Kb / 12P
14W Hi-Fi AUDIO AMPLIFIER
Jun-1998
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030 Datasheet
213Kb / 13P
14W HI-FI AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
224Kb / 6P
14W Hi-Fi AUDIO AMPLIFIER
More results

Similar Description - TDA2030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA2030 ETC-TDA2030 Datasheet
101Kb / 14P
14W HI-FI AUDIO AMPLIFIER
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
14W Hi-Fi AUDIO AMPLIFIER
Jun-1998
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_07 Datasheet
213Kb / 13P
14W HI-FI AUDIO AMPLIFIER
logo
Advanced Monolithic Sys...
AMS2030A AMS-AMS2030A Datasheet
1Mb / 14P
14W HI-FI AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030 Datasheet
276Kb / 14P
14W HI-FI AUDIO AMPLIFIER
TDA2030A UTC-TDA2030A_16 Datasheet
276Kb / 14P
14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com