Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2030 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA2030
Description  14W Hi-Fi AUDIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA2030 Datasheet HTML 1Page - STMicroelectronics TDA2030 Datasheet HTML 2Page - STMicroelectronics TDA2030 Datasheet HTML 3Page - STMicroelectronics TDA2030 Datasheet HTML 4Page - STMicroelectronics TDA2030 Datasheet HTML 5Page - STMicroelectronics TDA2030 Datasheet HTML 6Page - STMicroelectronics TDA2030 Datasheet HTML 7Page - STMicroelectronics TDA2030 Datasheet HTML 8Page - STMicroelectronics TDA2030 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vs
Supply voltage
± 6
± 18
V
Id
Quiescent drain current
Vs =
± 18V
40
60
mA
Ib
Input bias current
0.2
2
µA
Vos
Input offset voltage
± 2
± 20
mV
Ios
Input offset current
± 20
± 200
nA
Po
Output power
d = 0.5%
Gv =30 dB
f = 40 to 15,000 Hz
RL =4
Ω
RL =8
Ω
12
8
14
9
W
W
d = 10%
f = 1 KHz
RL =4
Ω
RL =8
Ω
Gv =30 dB
18
11
W
W
d
Distortion
Po = 0.1 to 12W
RL =4
Ω
Gv =30 dB
f = 40 to 15,000 Hz
0.2
0.5
%
Po = 0.1 to 8W
RL =8
Ω
Gv =30 dB
f = 40 to 15,000 Hz
0.1
0.5
%
B
Power Bandwidth
(-3 dB)
Gv =30 dB
Po =12W
RL =4
Ω
10 to 140,000
Hz
Ri
Input resistance (pin 1)
0.5
5
M
Ω
Gv
Voltage gain (open loop)
90
dB
Gv
Voltage gain (closed loop)
f = 1 kHz
29.5
30
30.5
dB
eN
Input noise voltage
B = 22 Hz to 22 KHz
310
µV
iN
Input noise current
80
200
pA
SVR
Supply voltage rejection
RL =4
Ω
Gv =30 dB
Rg =22 k
Ω
Vripple = 0.5 Veff
fripple = 100 Hz
40
50
dB
Id
Drain current
Po =14W
Po =W
RL =4
Ω
RL =8
Ω
900
500
mA
mA
Tj
Thermal shut-down junction
temperature
145
°C
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, Vs =
± 14V, Tamb =25°C unless otherwise
specified)
Symbol
Parameter
Value
Unit
Rth j-case
Thermal resistance junction-case
max
3
°C/W
THERMAL DATA
3/11
TDA2030



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com