Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2040 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA2040
Description  20W Hi-Fi AUDIO POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2040 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA2040 Datasheet HTML 5Page - STMicroelectronics TDA2040 Datasheet HTML 6Page - STMicroelectronics TDA2040 Datasheet HTML 7Page - STMicroelectronics TDA2040 Datasheet HTML 8Page - STMicroelectronics TDA2040 Datasheet HTML 9Page - STMicroelectronics TDA2040 Datasheet HTML 10Page - STMicroelectronics TDA2040 Datasheet HTML 11Page - STMicroelectronics TDA2040 Datasheet HTML 12Page - STMicroelectronics TDA2040 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Figure 18 : Frequency Response
Figure 19 : Power Distribution versus Frequency
MULTIWAY SPEAKER SYSTEMS AND ACTIVE
BOXES
Multiway loudspeaker systems provide the best
possible acoustic performance since each loud-
speaker is specially designed and optimized to
handle a limited range of frequencies. Commonly,
these loudspeaker systems divide the audio spec-
trum into two, three or four bands.
To maintain a flat frequency responseover the Hi-Fi
audio range the bands covered by each loud-
speaker must overlap slightly. Imbalance between
the loudspeakers produces unacceptable results
therefore it is important to ensure that each unit
generates the correct amount of acoustic energy
for its segment of the audio spectrum. In this re-
spect it is also important to know the energy distri-
bution of the music spectrum determine the cutoff
frequenciesof the crossover filters (see Figure 19).
As an example, a 100W three-way system with
crossover frequencies of 400Hz and 3kHz would
require 50W for the woofer, 35W for the midrange
unit and 15W for the tweeter.
Both active and passive filters can be used for
crossovers but today active filters cost significantly
less than a good passive filter using air-cored in-
ductors and non-electrolytic capacitors. In addition,
active filters do not suffer from the typical defects
of passive filters :
- power loss
- increased impedance seen by the loudspeaker
(lower damping)
- difficulty of precise design due to variable loud-
speaker impedance
Obviously, active crossovers can only be used if a
power amplifier is provided for each drive unit. This
makes it particularly interesting and economically
sound to use monolithic power amplifiers. In some
applications, complex filters are not really neces-
sary and simple RC low-pass and high-pass net-
works (6dB/octave) can be recommended.
The results obtained are excellent because this is
the best type of audio filter and the only one free
from phase and transient distortion.
The rather poor out of band attenuation of single
RC filters means that the loudspeaker must oper-
ate linearly well beyond the crossover frequency to
avoid distortion.
A more effective solution, named ”Active Power
Filter” by SGS is shown in Figure 20.
Figure 20 : Active Power Filter
The proposed circuit can realize combined power
amplifiers and 12dB/octave or 18dB/octave high-
pass or low-pass filters.
In practice, at the input pins of the amplifier two
equal and in-phase voltages are available, as re-
quired for the active filter operation.
TDA2040
10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com