Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2040 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA2040
Description  20W Hi-Fi AUDIO POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2040 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA2040 Datasheet HTML 5Page - STMicroelectronics TDA2040 Datasheet HTML 6Page - STMicroelectronics TDA2040 Datasheet HTML 7Page - STMicroelectronics TDA2040 Datasheet HTML 8Page - STMicroelectronics TDA2040 Datasheet HTML 9Page - STMicroelectronics TDA2040 Datasheet HTML 10Page - STMicroelectronics TDA2040 Datasheet HTML 11Page - STMicroelectronics TDA2040 Datasheet HTML 12Page - STMicroelectronics TDA2040 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
The impedance at the pin (-) is of the order of 100
Ω,
while that of the pin (+) is very high, which is also
what was wanted.
C1 = C2 = C3
R1
R2
R3
22 nF
8.2 k
Ω
5.6 k
Ω
33 k
Ω
The component values calculated for fc = 900Hz
using a Bessel 3rd order Sallen and Key structure
are :
In the block diagram of Figure 21 is represented an
active loudspeaker system completely realized us-
ing power integrated circuit, rather than the tradi-
tional discrete transistors on hybrids, very high
quality is obtained by driving the audio spectrum
into three bands using acti ve cro ssove rs
(TDA2320A) and a separate amplifier and loud-
speakers for each band.
A modern subwoofer/midrange/tweeter solution is
used.
PRATICAL CONSIDERATION
Printed Circuit Board
The layout shown in Figure 11 should be adopted
by the designers. If different layouts are used, the
ground points of input 1 and input 2 must be well
decoupled from the gorund return of the output in
which a high current flows.
Assembly Suggestion
No electrical isolation is needed between the pack-
age and the heatsink with single supply voltage
configuration.
Application Suggestions
The recommended values of the components are
those shown on application circuit of Fig. 10. Dif-
ferent values can be used. The following table can
help the designer.
Figure 21 : High Power Active Loudspeaker System using TDA2030A and TDA2040
Comp.
Recom.
Value
Purpose
Larger than
Recommended Value
Smaller than
Recommended Value
R1
22k
Ω
Non inverting input biasing
Increase of input impedance
Decrease of input impedance
R2
680
Ω
Closed loop gain setting
Decrease of gain (*)
Increase of gain
R3
22k
Ω
Closed loop gain setting
Increase of gain
Decrease of gain (*)
R4
4.7
Ω
Frequency stability
Danger of oscillation at high
frequencies with inductive loads
C1
1
µF
Input DC decoupling
Increase of low frequencies cut-off
C2
22
µF
Inverting DC decoupling
Increase of low frequencies cut-off
C3, C4
0.1
µF
Supply voltage bypass
Danger of oscillation
C5, C6
220
µF
Supply voltage bypass
Danger of oscillation
C7
0.1
µF
Frequency stability
Danger of oscillation
(*) The value of closed loop gain must be higher than 24dB
TDA2040
11/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com