Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2040 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA2040
Description  20W Hi-Fi AUDIO POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2040 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA2040 Datasheet HTML 1Page - STMicroelectronics TDA2040 Datasheet HTML 2Page - STMicroelectronics TDA2040 Datasheet HTML 3Page - STMicroelectronics TDA2040 Datasheet HTML 4Page - STMicroelectronics TDA2040 Datasheet HTML 5Page - STMicroelectronics TDA2040 Datasheet HTML 6Page - STMicroelectronics TDA2040 Datasheet HTML 7Page - STMicroelectronics TDA2040 Datasheet HTML 8Page - STMicroelectronics TDA2040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TDA2040
20W Hi-Fi AUDIO POWER AMPLIFIER
December 1995
PENTAWATT
ORDERING NUMBER : TDA2040V
DESCRIPTION
The TDA2040 is a monolithic integrated circuit in
Pentawatt
® package,intended for use as an audio
class AB amplifier. Typically it provides 22W output
power (d = 0.5%) at Vs = 32V/4
Ω . The TDA2040
provides high output current and has very low
harmonic and cross-over distortion. Further the
device incorporates a patented short circuit protec-
tion system comprising an arrangement for auto-
matically limiting the dissipated power so as to keep
the working point of the output transistors within
their safe operating area. A thermal shut-down
system is also included.
TEST CIRCUIT
1/13


Similar Part No. - TDA2040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2040 STMICROELECTRONICS-TDA2040 Datasheet
1Mb / 16P
25-watt hi-fi audio power amplifier
July 2012 Rev 6
TDA2040H STMICROELECTRONICS-TDA2040H Datasheet
1Mb / 16P
25-watt hi-fi audio power amplifier
July 2012 Rev 6
TDA2040V STMICROELECTRONICS-TDA2040V Datasheet
1Mb / 16P
25-watt hi-fi audio power amplifier
July 2012 Rev 6
TDA2040 STMICROELECTRONICS-TDA2040_12 Datasheet
1Mb / 16P
25-watt hi-fi audio power amplifier
17-Jul-2012
More results

Similar Description - TDA2040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
185Kb / 13P
32W Hi-Fi AUDIO POWER AMPLIFIER
Mar-1995
TDA2051 STMICROELECTRONICS-TDA2051 Datasheet
27Kb / 1P
40W Hi-Fi AUDIO POWER AMPLIFIER
Mar-1991
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
14W HI-FI AUDIO AMPLIFIER
logo
List of Unclassifed Man...
TDA1520A ETC1-TDA1520A Datasheet
198Kb / 6P
20W Hi-Fi Audio Amplifier
logo
Wuxi Youda electronics ...
YD1008 YOUDA-YD1008 Datasheet
110Kb / 4P
22W HI-FI AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TDA2050 UTC-TDA2050 Datasheet
261Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2050 TGS-TDA2050 Datasheet
196Kb / 6P
32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
14W HI-FI AUDIO AMPLIFIER
TDA2050 UTC-TDA2050_15 Datasheet
245Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
TDA2050 UTC-TDA2050_16 Datasheet
196Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com