Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2541 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA2541
Description  IF AMPLIFIER WITH DEMODULATOR AND AFC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2541 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA2541 Datasheet HTML 1Page - STMicroelectronics TDA2541 Datasheet HTML 2Page - STMicroelectronics TDA2541 Datasheet HTML 3Page - STMicroelectronics TDA2541 Datasheet HTML 4Page - STMicroelectronics TDA2541 Datasheet HTML 5Page - STMicroelectronics TDA2541 Datasheet HTML 6Page - STMicroelectronics TDA2541 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TDA2540
TDA2541
IF AMPLIFIER WITH DEMODULATOR AND AFC
August 1992
.
SUPPLY VOLTAGE : 12V TYP
.
SUPPLY CURRENT : 50mA TYP
.
I.F.
INPUT
VOLTAGE
SENSITIVITY
AT
F = 38.9MHz : 85
µVRMS TYP
.
VIDEO OUTPUT VOLTAGE (white at 10% of
top synchro) : 2.7VPP TYP
.
I.F. VOLTAGE GAIN CONTROL RANGE :
64dB TYP
.
SIGNAL TO NOISE RATIO AT VI = 10mV :
58dB TYP
.
A.F.C. OUTPUT VOLTAGE SWING FOR
∆f = 100kHz : 10V TYP
DESCRIPTION
The TDA2540 and 2541 are IF amplifier and A.M.
demodulator circuits for colour and black and white
television receivers using PNP or NPN tuners. They
are intended for reception of negative or positive
modulation CCIR standard.
They incorporate the following functions :
.
Gain controlled amplifier
.
Synchronous demodulator
.
White spot inverter
.
Video preamplifier with noise protection
.
Switchable AFC
.
AGC with noise gating
.
Tuner AGC output (NPN tuner for 2540)-(PNP
tuner for 2541)
.
VCR switch for video output inhibition (VCR
play back)
DIP16
(Plastic Package)
ORDER CODE : TDA2540-TDA2541
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IF INPUT
DECOUPLING CAPACITOR
TUNER AGC TAKE-OVER ADJUST
TUNER AGC OUTPUT
AFC OUTPUT
AFC SWITCH
AFC DEMODULATOR L.C. NETWORK
REFERENCE L.C. NETWORK
IF INPUT
DECOUPLING CAPACITOR
AGC CAPACITOR
GROUND
VIDEO OUTPUT
VCC
AFC DEMODULATOR L.C. NETWORK
REFERENCE L.C. NETWORK
PIN CONNECTIONS
1/7


Similar Part No. - TDA2541

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2542 STMICROELECTRONICS-TDA2542 Datasheet
161Kb / 5P
IF AMPLIFIER WITH DEMODULATOR AND AFC FOR POSITIVE MODULATION STANDARD
logo
NXP Semiconductors
TDA2545A PHILIPS-TDA2545A Datasheet
75Kb / 8P
Quasi-split-sound circuit
February 1985
TDA2546A PHILIPS-TDA2546A Datasheet
87Kb / 10P
Quasi-split-sound circuit with 5,5 MHz demodulation
February 1985
TDA2549 PHILIPS-TDA2549 Datasheet
83Kb / 9P
I.F. amplifier and demodulator for multistandard TV receivers
April 1985
More results

Similar Description - TDA2541

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3853T PHILIPS-TDA3853T Datasheet
152Kb / 18P
TV IF amplifier and demodulator with TV-identification
January 1992
TDA8340 PHILIPS-TDA8340 Datasheet
111Kb / 14P
Television IF amplifier and demodulator
November 1987
TDA8349A PHILIPS-TDA8349A Datasheet
108Kb / 17P
Multistandard IF amplifier and demodulator
February 1991
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
FM IF amplifier and demodulator
logo
Siemens Semiconductor G...
TDA5930-5 SIEMENS-TDA5930-5 Datasheet
481Kb / 18P
Video IF Amplifier and Demodulator
TDA5950X SIEMENS-TDA5950X Datasheet
450Kb / 11P
Video and Sound IF with FM-PLL Demodulator, AFC and V & S SCART
logo
List of Unclassifed Man...
TBA129 ETC-TBA129 Datasheet
78Kb / 4P
FM IF AMPLIFIER WITH DEMODULATOR
logo
STMicroelectronics
TDA2542 STMICROELECTRONICS-TDA2542 Datasheet
161Kb / 5P
IF AMPLIFIER WITH DEMODULATOR AND AFC FOR POSITIVE MODULATION STANDARD
TDA4426 STMICROELECTRONICS-TDA4426 Datasheet
217Kb / 7P
VIDEO IF AMPLIFIER WITH DEMODULATOR AND AFC
logo
Siemens Semiconductor G...
S041P SIEMENS-S041P Datasheet
55Kb / 6P
FM IF AMPLIFIER WITH DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com