Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2541 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA2541
Description  IF AMPLIFIER WITH DEMODULATOR AND AFC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2541 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA2541 Datasheet HTML 1Page - STMicroelectronics TDA2541 Datasheet HTML 2Page - STMicroelectronics TDA2541 Datasheet HTML 3Page - STMicroelectronics TDA2541 Datasheet HTML 4Page - STMicroelectronics TDA2541 Datasheet HTML 5Page - STMicroelectronics TDA2541 Datasheet HTML 6Page - STMicroelectronics TDA2541 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL OPERATING CHARACTERISTICS (continued)
Tamb =25
°C; V (11 – 13) = 12 V; f = 38.9 MHz (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
S/N
Signal to Noise Ratio (VI = 10mV) (see note 1)
50
58
dB
B
Bandwidth of Video Amplifier (– 3dB)
6
MHz
dG
Differential Gain
4
10
%
d
φ
Differential Phase
2
10
%
V12-13
Carrier Signal at Video Output (VI = 10mV)
4
30
mVRMS
V12-13
2nd Harmonic of Carrier at Video Output (VI = 10mV)
20
30
mVRMS
Intermodulation at 1.1MHz (blue) (see Figures 2 and 3)
46
60
dB
Intermodulation at 1.1MHz (yellow) (see Figures 2 and 3)
46
50
dB
Intermodulation at 3.3MHz (blue) (see Figures 2 and 3)
46
54
dB
V14-13
VCR Switches Off Output at : (VCR = low Level)
1.1
V
White Spot Inverter Threshold Level (see Figure 1)
6.6
V
White Spot Insertion Level (see Figure 1)
4.7
V
Noise Inverter Threshold Level (see Figure 1)
1.8
V
Noise Insertion Level (see Figure 1)
3.8
V
I4
Tuner AGC output Current Range
0 to 10
mA
V14-13
Tuner AGC Output Voltage
0.3
V
I4
Tuner AGC Output Leakage Current
TDA2541 V14-13 = 11V, V4-13 = 12V
TDA2540 V14-13 = 5V, V4-13 = 12V
15
µA
∆V5-13
AFC Output Voltage Swing (
∆f = 100 kHz)
10
11
V
∆f
Change of Frequency at AFC Output (voltage swing of 10V)
100
200
kHz
V6-13
AFC Switches OFF (AFC = low level) at :
2.5
V
V6-13
AFC Switches LOW (AFC = High level) at :
3.2
V
V5-13
AFC Zero = Signal Output Voltage (minimum gain)
4
6
8
V
Note : 1.
S
N
=
VO
(black to white)
VN
⋅ (RMS at B = 5MHz)
(dB)
Figure 1 : Video Output Waveform Showing White Spot and Noise Inverter Threshold Levels
TDA2540 - TDA2541
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com