Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2541 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA2541
Description  IF AMPLIFIER WITH DEMODULATOR AND AFC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2541 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA2541 Datasheet HTML 1Page - STMicroelectronics TDA2541 Datasheet HTML 2Page - STMicroelectronics TDA2541 Datasheet HTML 3Page - STMicroelectronics TDA2541 Datasheet HTML 4Page - STMicroelectronics TDA2541 Datasheet HTML 5Page - STMicroelectronics TDA2541 Datasheet HTML 6Page - STMicroelectronics TDA2541 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
V (11–13)
Supply Voltage
13.8
V
V (4–13)
Tuner A.G.C. Voltage
12
V
Ptot
Power Dissipation
900
mW
Tstg
Storage Temperature
– 55 to + 125
°C
Tamb
Operating Ambient Temperature
0 to + 70
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction - ambient Thermal Resistance
70
°C/W
ELECTRICAL OPERATING CHARACTERISTICS
Tamb =25oC; V11–13 = 12V; f = 38.9MHz (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
V11-13
Supply Voltage Range
10.2
12
13.8
V
I11
Supply Current
50
60
mA
V1-16
IF Input Voltage Sensitivity
60
85
180
µVRMS
Max Input Voltage (Pins 1-16)
140
mV
V12-13
Video Output Voltage
2.7
Vpp
Z1-16
Differential Input Impedance (in parallel with 2pF)
2
k
Ω
V12-13
Zero Signal Output Level
5.7
6
6.3
V
V12-13
Top Synchro Output Level
2.9
3.07
3.2
V
∆GV
IF Voltage Gain Control Range
52
64
dB
TDA2540 - TDA2541
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com