Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z201250R00QB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Z201250R00QB
Description  Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Z201250R00QB Datasheet(HTML) 2 Page - Vishay Siliconix

  Z201250R00QB Datasheet HTML 1Page - Vishay Siliconix Z201250R00QB Datasheet HTML 2Page - Vishay Siliconix Z201250R00QB Datasheet HTML 3Page - Vishay Siliconix Z201250R00QB Datasheet HTML 4Page - Vishay Siliconix Z201250R00QB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63113
2
Revision: 19-Apr-07
Z201 (Z-Foil)
Vishay Foil Resistors
Ultra High Precision Z-Foil Resistor with TCR of
± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance
of ± 0.005 % and Load Life Stability of ± 0.005 %
FIGURE 2 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Note: Foil shown in black, etched spaces in white
Current Path
After Trimming
Interloop Capacitance
Reduction in Series
FIGURE 3 - TYPICAL TCR CURVE Z-FOIL
+ 500
+ 200
+ 100
0
- 100
- 200
- 300
- 500
- 55
- 25
+ 25
+ 60
+ 75
+ 100
+ 125
Ambient Temperature (°C)
ΔR
R
(ppm)
0
0.05 ppm/°C
- 0.1 ppm/°C
0.1 ppm/°C
0.14 ppm/°C
0.2 ppm/°C
- 0.16 ppm/°C
- 400
+ 300
+ 400
FIGURE 4 - STANDARD IMPRINTING AND DIMENSIONS
* The standoffs shall be so located as to give a lead clearance of 0.010" minimum between the resistor body and the printed circuit board
when the standoffs are seated on the printed circuit board. This is to allow for proper cleaning of flux and other contaminants from the unit
after all soldering processes.
LS
W
L
H
ST
SW
LL
Z 201
Inches
0.150 ± 0.005
0.105 ± 0.010
2.67 ± 0.25
0.300 ± 0.010
7.62 ± 0.25
0.326 ± 0.010
8.28 ± 0.25
0.010 min
0.254 min
0.035 ± 0.01
1.02 ± 0.13
1.000 ± 0.125
25.4 ± 3.18
mm
3.81 ± 0.13
Z 201 L
Inches
0.200 ± 0.005
mm
5.08 ± 0.13
TABLE 2 - Z201 SPECIFICATIONS
Stability
Load Life at 2000 hours
± 0.005 % Max
ΔR at 0.1 W/+ 70 °C
± 0.015 % Max
ΔR at 0.3 W/+ 125 °C
Load Life at 10 000 hours
± 0.01 % Max
ΔR at 0.05 W/+ 125 °C
± 0.05 % Max
ΔR at 0.3 W/+ 125 °C
LS
Model Name
VISHAY
XXXX
Z201
ST
*
H
L
Date Code
W
Front View
Rear View
Lead Material #22 AWG
Round Solder Coated Copper
Optional Customer Part Number
Print specification, etc. if required
Resistance
Value Code
Tolerance
XXXXXX
100R01
0.01%
LL
SW
16
Week
07
Year



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com