Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z201250R00QB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # Z201250R00QB
Description  Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Z201250R00QB Datasheet(HTML) 4 Page - Vishay Siliconix

  Z201250R00QB Datasheet HTML 1Page - Vishay Siliconix Z201250R00QB Datasheet HTML 2Page - Vishay Siliconix Z201250R00QB Datasheet HTML 3Page - Vishay Siliconix Z201250R00QB Datasheet HTML 4Page - Vishay Siliconix Z201250R00QB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Z201 (Z-Foil)
Vishay Foil Resistors
Ultra High Precision Z-Foil Resistor with TCR of
± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance
of ± 0.005 % and Load Life Stability of ± 0.005 %
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63113
4
Revision: 19-Apr-07
Note
* For non-standard requests, please contact Application Engineering.
TABLE 4 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y1453250R000V9L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
K = k
Ω
0 = Standard
9 = Lead (Pb)-free
1 - 999 = Custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
1453 = Z201
1454 = Z201L
V = ± 0.005 %
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
L = Bulk
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1453 250R000 V 9 L:
TYPE: Z201
VALUE: 250.0
Ω
ABSOLUTE TOLERANCE: ± 0.005 %
TERMINATION: Lead (Pb)-free
PACKAGING: Bulk
HISTORICAL PART NUMBER: Z201T 250R00 V B (will continue to be used)
Z201
T
250R00
V
B
MODEL
TERMINATION
OHMIC VALUE
ABS. TOLERANCE
PACKAGING
Z201
Z201L
T = Lead (Pb)-free
None = Tin/Lead
250.0
Ω
V = ± 0.005 %
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
B = Bulk
453
2
0
R
0
5
Y1
V9
0
L
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com