Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z201250R00QB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # Z201250R00QB
Description  Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Z201250R00QB Datasheet(HTML) 3 Page - Vishay Siliconix

  Z201250R00QB Datasheet HTML 1Page - Vishay Siliconix Z201250R00QB Datasheet HTML 2Page - Vishay Siliconix Z201250R00QB Datasheet HTML 3Page - Vishay Siliconix Z201250R00QB Datasheet HTML 4Page - Vishay Siliconix Z201250R00QB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 63113
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 19-Apr-07
3
Z201 (Z-Foil)
Ultra High Precision Z-Foil Resistor with TCR of
± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance
of ± 0.005 % and Load Life Stability of ± 0.005 %
Vishay Foil Resistors
STANDARD MEASUREMENT (at room temperature)
Standard Test Conditions:
• Temperature: + 23 °C ± 2 °C
• Relative humidity: 35 to 65 % RH
• Lead test point: 0.5" (12.7 mm) from resistor body
IMPROVED PERFORMANCE TESTING
The preceding information is based on product directly off the production line. Improved performance (meaning increased time
stability with load and other stresses) is available through factory conducted "Improved Performance Testing". The test routine
is usually tailored to the user’s stability objectives. A screened product can be brought down to a potential load life drift of less
than 50 ppm.
For example, the data sheet “7 Technical Reasons to Specify BMF Resistive Components” shows the drift characteristics of a
standard product.
Various screen test routines are available and all anticipated stresses must be taken into account before settling on one specific
test routine. Our Applications Engineering Department is available to discuss and recommend appropriate routines given the full
spectrum of anticipated stresses and stability requirements.
TABLE 3 - ENVIRONMENTAL PERFORMANCE COMPARISON
MIL-PRF-55182
CHAR J
VISHAY Z201
MAXIMUM
ΔR
TYPICAL
ΔR
Test Group I
Thermal Shock
Short Time Overload
± 0.2 %
± 0.2 %
± 0.01 % (100 ppm)
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
± 0.003 % (30 ppm)
Test Group II
Resistance Temperature
Characteristic
Low Temperature Storage
Low Temperature Operation
Terminal Strength
± 25 ppm/°C
± 0.15 %
± 0.15 %
± 0.2 %
see Table 1
± 0.01 % (100 ppm)
± 0.01 % (100 ppm)
± 0.01 % (100 ppm)
± 0.05 ppm/°C
(0 °C to + 60 °C)
± 0.002 % (20 ppm)
± 0.002 % (20 ppm)
± 0.002 % (20 ppm)
Test Group III
DWV
Resistance to Solder Heat
Moisture Resistance
± 0.15 %
± 0.1 %
± 0.4 %
± 0.01 % (100 ppm)
± 0.01 % (100 ppm)
± 0.05 % (500 ppm)
± 0.002 % (20 ppm)
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
Test Group IV
Shock
Vibration
± 0.2 %
± 0.2 %
± 0.01 % (100 ppm)
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
± 0.002 % (20 ppm)
Test Group V
Life Test at 0.3 W/+ 125 °C
2000 hours
10 000 hours
± 0.5 %
± 2.0 %
± 0.015 % (150 ppm)
± 0.05 % (500 ppm)
± 0.01 % (100 ppm)
± 0.03 % (300 ppm)
Test Group Va
Life Test at 0.6 W (2 x Rated Power)/+ 70 °C, 2000 hours
± 0.5 %
± 0.015 % (150 ppm)
± 0.01 % (100 ppm)
Test Group VI
High Temperature Exposure
± 2.0 %
± 0.1 % (1000 ppm)
± 0.05 % (500 ppm)
Test Group VII
Voltage Coefficient
0.005 %/V
< 0.00001 %/V
< 0.00001 %/V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com