Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4443 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA4443
Description  MULTISTANDARD VIDEO IF AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA4443 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA4443 Datasheet HTML 1Page - STMicroelectronics TDA4443 Datasheet HTML 2Page - STMicroelectronics TDA4443 Datasheet HTML 3Page - STMicroelectronics TDA4443 Datasheet HTML 4Page - STMicroelectronics TDA4443 Datasheet HTML 5Page - STMicroelectronics TDA4443 Datasheet HTML 6Page - STMicroelectronics TDA4443 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage RangePin 13
15
V
V0
Open Loop Voltage
Pin 5
max. VCC
V
Vext
External Voltage
Pin 4
12
V
I4
Control Current for VTR Mode
Pin 4
0.3
mA
I2
Control Current for Standard Mode
Pin 2
0.5
mA
I0
Max. Video Output Current
Pin 11
5
mA
I0
Short Circuit Current (t
≤ 1sec)
Pin 11
30
mA
Ptot
Power Dissipation
1
W
Tj
Junction Temperature
125
oC
TAMB
Ambient Temperature Range
0 to +70
oC
Tstg
Storage Temperature Range
-25 to +125
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-ambient Thermal Resistance
70
oC/W
ELECTRICAL OPERATING CHARACTERISTICS
TAMB =25
oC, VCC = 12V, unless otherwise spacified. Test Circuit Page 5.
Symbol
Parameter
Pin
Min.
Typ. Max.
Unit
VCC
Supply Voltage
13
10
12
15
V
ICC
Supply Current (VCC = 12V, V4 = 3.5V, VIN =0)
Pin 6, PIn 7, PIn 2 open
13
55
75
mA
V11
Ultra White Level at Standard B/G
VCC = 15V, V4 = 3.5V
11
4.8
5.1
5.6
V
VAA
Ultra Black Clamping Level at Standard B/G
SIGNAL 1
11
1.70
1.85
2.10
V
VO
Picture to sync. output voltage of the video signal without load in
standard B/G (residual carrier 10%) SIGNAL 1
11
2.6
2.9
3.3
VPP
VO
Picture to blanking level output voltage of the video signal without
load in standard L (blanking level at 28%of carrier amplitude)
SIGNAL 2 (residual carrier 5%)
11
1.80
2.1
2.40
VPP
∆( Vp − Vblank )
Vp
− Vblank
Output voltage change of the picture to blanking level from
standard L to standard B/G (mode BG : signal 1, mode L : signal 2)
11
10
%
∆Vblack
Supply voltage influence on the ultra black level in standard B/G
11
0.5
%V
∆Vwhite
Supply voltage influence on the ultra white level in standard B/G
11
1
%V
∆Vvideo
Video Bandwidth
Video Signal Attenuation with VIN at 4.43MHz
11
1
1.5
dB
Bvideo
Video Bandwidth at -3dB
11
6
MHz
∆Vvideo
Video frequency response changes witin the AGC range
11
0.5
2.0
dB
IO
DC Output Current (V11 = 10V, VCC = 15V)
11
1.5
2
mA
I7
Gating Pulse Current
7
0.30
1.0
mA
V7
DC Voltage at Gating Input
7
1.3
1.6
V
V1
Input Voltage Sensitivity VIN (with VOUT =VO - 3dB)
Standard B/G SIGNAL 1
1-
16
120
µVRMS
I
Control Current for Status B (see status of mode switching)
V2 =5V
210
40
µA
TDA4443
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com