Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4443 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA4443
Description  MULTISTANDARD VIDEO IF AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA4443 Datasheet(HTML) 6 Page - STMicroelectronics

  TDA4443 Datasheet HTML 1Page - STMicroelectronics TDA4443 Datasheet HTML 2Page - STMicroelectronics TDA4443 Datasheet HTML 3Page - STMicroelectronics TDA4443 Datasheet HTML 4Page - STMicroelectronics TDA4443 Datasheet HTML 5Page - STMicroelectronics TDA4443 Datasheet HTML 6Page - STMicroelectronics TDA4443 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DEFINITION OF MODE SWITCHING
Status
Pin 2
Pin 4
Function
A
Not connected
No External Voltage
Standard B/G mode, gated charge and discharge.
B
12V
HIgh Impedance
No External Voltage
Standard B/G, ungated, charging up to sync. level, discharging
dependant from average signal (peri operation).
C
12V
Low Impedance
No External Voltage
At standard L ungated, charging up to peak white level,
discharge dependant from average signal level, inverted polarity
of the video output.
D
No specifications
≥ 7.5V
In VTR reading mode the IF amplifier is blocked, turned gain
controlled down : the video output signal is fixed at constant ultra
white level for standard B/G mode.
The gating pulse at Pin 7 is internally switched off.
STATUS OF MODE SWITCHING, REFERRING TO CONTROL VOLTAGE PIN 2
Control Voltage
Pin 2
Connections of
Pin 2
Status
Function
1.2 to 2.5V*
Open
A
Standard B/G gated sync. operation
3.0 to 5.0V
High Impedance
B
Standard B/G, no sync., operation
> 6.5V
Low Impedance
C
Standard L
0.0 to 0.8V
Ground
D
Standard L
* Voltage measured on Pin 2.
3
2
1
0
04
8
12
V2 (V)
I2 (nA)
TDA4443
I2
+12V
V2
V2
DA
B
C
STATUS
0.8
1.2
2.5
3.0
5.0 6.5
TDA4443
6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com