Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4443 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA4443
Description  MULTISTANDARD VIDEO IF AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA4443 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA4443 Datasheet HTML 1Page - STMicroelectronics TDA4443 Datasheet HTML 2Page - STMicroelectronics TDA4443 Datasheet HTML 3Page - STMicroelectronics TDA4443 Datasheet HTML 4Page - STMicroelectronics TDA4443 Datasheet HTML 5Page - STMicroelectronics TDA4443 Datasheet HTML 6Page - STMicroelectronics TDA4443 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ELECTRICAL OPERATING CHARACTERISTICS (continued)
TAMB =25
oC, VCC = 12V, unless otherwise spacified. Test Circuit Page 5.
Symbol
Parameter
Pin
Min.
Typ. Max.
Unit
I
Control Current Status C (see status of mode switching) - V2 = 6.3V
2
60
400
µA
∆GIF
IF AGC Range
60
dB
IAGC
Available Tuner AGC Current (10dB above the AGC starting point)
5
8
12
mA
∆AGC
Delay Between Tuner AGC and IF AGC (pin 6 not connected)
5
50
dB
VIF
V2IF
IF residual carrier at the video o/p withing the
AGC range 38.9MHz
77.8MHz
11
11
20
50
mVRMS
mVRMS
d
Differential Distortion on Composite VIdeo Signal Amplitude
SIGNAL 3
11
5
%
aM
Attenuation of sound to color carrier intermodulation signal (1.07MHz)
referred to the demodulated color carrier : PIcture Carrier = 0dB,
Color Carrier = -6dB, Sound Carrier = -24dB
11
50
dB
∆Sync
Sync
Sync. Pulse Compression within the IF AGC Range
3
%
RI
CI
Input Impedance : Resistance
Capacitance
1-16
1-16
2.5
2
k
Ω
pF
V
Switch off Control Voltage for VTR Mode
4
9
10
V
I
Switch off Current for VTR Mode
4
150
µA
SIGNAL 1 (standard B/G)
1000mV
300mV
0mV
100%
Demodulated Signal
100%
10%
IF Signal
TDA4443
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com