Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7272A Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7272A
Description  HIGH PERFORMANCE MOTOR SPEED REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7272A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7272A Datasheet HTML 7Page - STMicroelectronics TDA7272A Datasheet HTML 8Page - STMicroelectronics TDA7272A Datasheet HTML 9Page - STMicroelectronics TDA7272A Datasheet HTML 10Page - STMicroelectronics TDA7272A Datasheet HTML 11Page - STMicroelectronics TDA7272A Datasheet HTML 12Page - STMicroelectronics TDA7272A Datasheet HTML 13Page - STMicroelectronics TDA7272A Datasheet HTML 14Page - STMicroelectronics TDA7272A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
- fast forward, by putting a resistor. In this
case it is necessary that also at the higher
speed for the duty cycle to be significately
less than 1 (see value of RT,CT on pin 2,
pin 3 sections).
Fig. 19 shows the function controlled with a
µP.
Pin 18
Right function control. The voltages applied to this
pin and to pin 19 determine the function, as
showed in the table.
The typical value of the threshold (L-H) is 1.2 V.
Pin 19
Left function control. (see pin 18 sect).
Pin 20
Right speed adjustment. (see pin 17 sect).
Figure 18.
Figure 19.
CONDITION
OUTPUT FUNCTION
OUTPUT VOLT AGE
Pin 18
Pin 19
Pin 12
Pin 9
L
H
L
H
L
L
H
H
STOP
LEFT
RIGHT
OPEN
LOW
LOW
REG
HIGH IMP.
LOW
REG
LOW
HIGH IMP.
Figure 20: Typical application.
TDA7272A
11/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com