Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7272A Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7272A
Description  HIGH PERFORMANCE MOTOR SPEED REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7272A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7272A Datasheet HTML 8Page - STMicroelectronics TDA7272A Datasheet HTML 9Page - STMicroelectronics TDA7272A Datasheet HTML 10Page - STMicroelectronics TDA7272A Datasheet HTML 11Page - STMicroelectronics TDA7272A Datasheet HTML 12Page - STMicroelectronics TDA7272A Datasheet HTML 13Page - STMicroelectronics TDA7272A Datasheet HTML 14Page - STMicroelectronics TDA7272A Datasheet HTML 15Page - STMicroelectronics TDA7272A Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Figure 23: P.C. board and components layout of the circuits of Figg. 20, 21, 22.
APPLICATION SUGGESTION (Fig. 20,21,22) - (For a 2000 r.p.m. 3 pole DC motor with RM =16
Ω)
Components
Recommended
value
Purpose
If larger
If smaller
Allowed range
Min.
Max.
RS1
1
Ω
Current sensing
tacho loop.
Tacho loop do
not regulate
0
RS2
1.5
Ω
Current sensing
V/I loop.
Instability may
occur.
Motor regulator;
undercompens.
0RMOT/9
RL;CL
22K
Ω - 68nF
Spike filtering.
Slow V/I
regulator
response.
High output
ripple.
CD
68nF
Pulse transf.
33nF
100nF
RT;CT
15K
Ω - 47nF
Current source
programming to
obtain a 50%
duty cycle
67K
Ω
30KW
RP1;RP2
47K
Ω trim.
Set of speed.
Low speed.
High speed
0
CF
Polyester 100nF
Optimization of
integrator ripple
and loop
response time.
Lower ripple,
slower tacho
regulator
response.
Higher ripple,
faster response.
10nF
470nF
RA;CA
220K
Ω - 220nF
Fast response
with no
overshoot.
Depending on electrmechanical
system.
10nF
470nF
A
TDA7272A
13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com